Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM9926 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTM9926
Description  Dual N-Channel 2.5-V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM9926 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTM9926 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM9926 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM9926 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM9926 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM9926 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM9926 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM9926 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM9926 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.01
0.02
0.03
0.04
0.05
0
123
456
ID = 6.5 A
VGS - Gate-to-Source Voltage (V)
0.001
0
1
160
200
80
10
0.1
Time (s)
40
120
0.01
Threshold Voltage
Safe Operating Area, Junction-to-Case
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
100
1
0.1
1
10
100
0.01
10
1 ms
0.1
Limited by R DS(on)*
TC = 25 °C
Single Pulse
10 ms
100 ms
DC
10 s
1 s
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
100
600
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 115 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Square Wave Pulse Duration (s)
10
DT
www.
daysemi.jp


Similar Part No. - DTM9926

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM9926 DINTEK-DTM9926 Datasheet
1Mb / 8P
   Dual N-Channel 2.5-V (G-S) MOSFET Halogen-free
logo
SHENZHEN DOINGTER SEMIC...
DTM9926 DOINGTER-DTM9926 Datasheet
2Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
DinTek Semiconductor Co...
DTM9926 DINTEK-DTM9926_13 Datasheet
1Mb / 8P
   Dual N-Channel 2.5-V (G-S) MOSFET Halogen-free
More results

Similar Description - DTM9926

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com