Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCNPO1R5C25V2B1 Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # CCNPO1R5C25V2B1
Description  Ceramic Disc Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CCNPO1R5C25V2B1 Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  CCNPO1R5C25V2B1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CCNPO1R5C25V2B1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CCNPO1R5C25V2B1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CCNPO1R5C25V2B1 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CCNPO1R5C25V2B1 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CCNPO1R5C25V2B1 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
Class 3
CC Series
These
semiconductor
type
ceramic
disc
capacitors provide economical volumetric efficiency.
They are best suited for use in low impedance
circuits wherein low insulation resistance can be
tolerated. The broad variation of lead styles and the
option of radial tape and reel packaging enhance
their popularity in bypass and coupling applications.
Working voltage options permit selection of the
smallest size discs for lower voltage applications
SPECIFICATIONS
Operating Temperature
-30
oC to +85oC
Capacitance
Measured at 1 ±0.1MHz, 1Vrms at 25
oC
Temperature
Y5P: ±10%
Y5T: +22/-33%
Y5U: +22/-56%
Y5V: +22/-82%
Rated voltage
16V, 25V and 50V
Dissipation factor
Measured at 1 ±0.1KHz, 1Vrms at 25
oC
16V: 7.0% max.
25V and 50V: 5.0% max.
Tested voltage
250% of rated voltage with 50mA charging current max.
Insulation resistance
Measured at rated voltage 60 sec.
16V: 500 Mega ohms min.
25V and 50V: 500 Mega ohms x
μF min.
Insulation coating
Phenolic coating applied by a wet dip method
CAPACITANCE RANGE (pF)
Temperature
Characteristic
Y5P
Y5T
Y5U
Y5V
Working Voltage
16V
25V
16V
16V
25V
50V
16V
25V
50V
16V
25V
50V
Capacitance (
μF)
D
∅ ±1mm
D
∅ ±1mm
D
∅ ±1mm
D
∅ ±1mm
0.01
5555
5
5555555
0.022
6
8
8
5
6
5
5
5
5
5
5
5
0.033
6
8
10
5
6
8
568556
0.047
8
10
12
6
6
8
6
6
8
5
5
6
0.10
10
12
14
6
8
10
6
8
10
6
7
8


Similar Part No. - CCNPO1R5C25V2B1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
logo
TT Electronics.
CCN TTELEC-CCN Datasheet
325Kb / 4P
   Ideal for all reflow soldering techniques
logo
Kemet Corporation
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
TDK Electronics
CCN-0503SF TDK-CCN-0503SF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0505SF TDK-CCN-0505SF Datasheet
193Kb / 11P
   DC to DC Converters
More results

Similar Description - CCNPO1R5C25V2B1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com