Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

031-1007-042 Datasheet(PDF) 10 Page - Dialight Corporation

Part # 031-1007-042
Description  High Reliability, Military D Subminature, & Non-Magnetic/No-Outgas
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

031-1007-042 Datasheet(HTML) 10 Page - Dialight Corporation

Back Button 031-1007-042 Datasheet HTML 6Page - Dialight Corporation 031-1007-042 Datasheet HTML 7Page - Dialight Corporation 031-1007-042 Datasheet HTML 8Page - Dialight Corporation 031-1007-042 Datasheet HTML 9Page - Dialight Corporation 031-1007-042 Datasheet HTML 10Page - Dialight Corporation 031-1007-042 Datasheet HTML 11Page - Dialight Corporation 031-1007-042 Datasheet HTML 12Page - Dialight Corporation 031-1007-042 Datasheet HTML 13Page - Dialight Corporation 031-1007-042 Datasheet HTML 14Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
www.ittcannon.com
341
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
High Density D
D*MA
Crimp
Printed Circuit
Performance and Material Specifications
Contact Arrangements
MATERIALS AND FINISHES
PERFORMANCE SPECIFICATIONS
DIELECTRIC WITHSTANDING VOLTAGE
(See page 342)
Material
Shell
Insulator
Contact
Float Mount Hardware
Wire Accommodation (AWG)
Current Rating
Temperature Rating
Contact Resistance
After Salt Spray, Millivolt Max.
Crimp-#22-#28 AWG
Test
All voltage figures are rms AC 60 rms cps, measured at approximately +25˚C, 50% rh. For additional performance specifications refer to
MIL-C-24308 Test Extracts on page 385.
1000
Sea Level
100,000
Face View Pin Insert
Shell Size
Contact Arrangement
Contact Size
D
78
#22
78
1
90˚ and Straight (Solder/Crimp)
Altitude (feet/m)
70,000/21,336
325
175
#22: 5 Amp
-65˚C to +150˚C
55 @ 5 Amp
test current
Steel per ASTM A-620
Diallyl phthalate glass-filled
per MIL-M-14, type SDG-F
color green
-
-
Copper alloy
Stainless steel
Yellow chromate over cadmium
QQ-P-416 Type II Class 2
Gold over nickel
Passivate per QQ-P-35
Steel per ASTM A-620
Diallyl phthalate glas-filled
per MIL-M-14, type SDG-F
color green
Copper alloy
Crimp socket has
stainless steel hood
Stainless steel
Yellow chromate over cadmium
QQ-P-416 Type II Class 2
Gold 50 microinches minimum thicknes per
MIL-G-45204 Type II Grade C Class 1 over
copper per MIL-C-14550
Hood: Passivated
Passivate per QQ-P-35
Finish
Standard
Material
Finish
Military
(See page 343)


Similar Part No. - 031-1007-042

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-1007-042 ITT-031-1007-042 Datasheet
1Mb / 55P
   High Reliability, Military D Subminature, & Non-Magnetic/No-Outgas
More results

Similar Description - 031-1007-042

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-1007-042 ITT-031-1007-042 Datasheet
1Mb / 55P
   High Reliability, Military D Subminature, & Non-Magnetic/No-Outgas
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
logo
Ningbo songle relay co....
SRA-12VDC-CL SONGLERELAY-SRA-12VDC-CL Datasheet
3Mb / 2P
   SUBMINATURE HIGH POWER RELAY
SRD-12VDC-SL-C SONGLERELAY-SRD-12VDC-SL-C Datasheet
3Mb / 2P
   SUBMINATURE HIGH POWER RELAY
logo
Panasonic Semiconductor
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
logo
Teledyne Technologies I...
420 TELEDYNE-420 Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
logo
Vishay Siliconix
M3900633 VISHAY-M3900633 Datasheet
90Kb / 7P
   Wet Tantalum Capacitors, Extended Capacitance, Military Established Reliability
logo
Skyworks Solutions Inc.
SKYH22002 SKYWORKS-SKYH22002 Datasheet
121Kb / 2P
   Hermetically Sealed Cascadable Amplifier for High-Reliability Space and Military Applications
logo
Hirose Electric
MRF14 HIROSE-MRF14 Datasheet
168Kb / 1P
   MRF14 Series Non-magnetic, High Durability Connector
logo
Picker Components
PC376 PICKER-PC376_14 Datasheet
156Kb / 2P
   Subminature PCB Power Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com