Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7701BQ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7701BQ
Description  LC2MOS 16-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701BQ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7701BQ Datasheet HTML 5Page - Analog Devices AD7701BQ Datasheet HTML 6Page - Analog Devices AD7701BQ Datasheet HTML 7Page - Analog Devices AD7701BQ Datasheet HTML 8Page - Analog Devices AD7701BQ Datasheet HTML 9Page - Analog Devices AD7701BQ Datasheet HTML 10Page - Analog Devices AD7701BQ Datasheet HTML 11Page - Analog Devices AD7701BQ Datasheet HTML 12Page - Analog Devices AD7701BQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
–9–
REV. D
AD7701
The output settling of the AD7701 in response to a step input
change is shown in Figure 12. The Gaussian response has fast
settling with no overshoot, and the worst-case settling time to
±0.0007% (±0.5 LSB) is 125 ms with a 4.096 MHz master
clock frequency.
100
80
60
40
20
0
0
40
80
120
160
TIME – ms
Figure 12. AD7701 Step Response
USING THE AD7701
SYSTEM DESIGN CONSIDERATIONS
The AD7701 operates differently from successive approxima-
tion ADCs or other integrating ADCs. Since it samples the sig-
nal continuously, like a tracking ADC, there is no need for a
start convert command. The 16-bit output register is updated at
a 4 kHz rate, and the output can be read at any time, either syn-
chronously or asynchronously.
CLOCKING
The AD7701 requires a master clock input, which may be an
external TTL/CMOS compatible clock signal applied to the
CLKIN pin (CLKOUT not used). Alternatively, a crystal of the
correct frequency can be connected between CLKIN and
CLKOUT, when the clock circuit will function as a crystal-
controlled oscillator.
The input sampling frequency, output data rate, filter character-
istics and calibration time are all directly related to the master
clock frequency fCLKIN by the ratios given in the specification
table. Therefore, the first step in system design with the
AD7701 is to select a master clock frequency suitable for the
bandwidth and output data rate required by the application.
ANALOG INPUT RANGES
The AD7701 performs conversion relative to an externally
supplied reference voltage, which allows easy interfacing to
ratiometric systems. In addition, either unipolar or bipolar input
voltage range may be selected using the BP/UP input. With BP/
UP
tied low, the input range is unipolar and the span is 0 to
+VREF. With BP/UP tied high, the input range is bipolar and the
span is
±V
REF. In the bipolar mode both positive and negative
full scale are directly determined by VREF. This offers superior
tracking of positive and negative full scale and better midscale
(bipolar zero) stability than bipolar schemes that simply scale
and offset the input range.
The digital output coding for the unipolar range is Unipolar
Binary; for the bipolar range it is Offset Binary. Bit weights for
the unipolar and bipolar modes are shown in Table I. The input
voltages and output codes for unipolar and bipolar ranges, using
the recommended +2.5 V reference, are shown in Table II.
Table I. Bit Weight Table (2.5 V Reference Voltage)
Unipolar Mode
Bipolar Mode
V
LSBs
% FS
ppm FS
LSBs % FS
ppm FS
10
0.26
0.0004
4
0.13
0.0002
2
19
0.5
0.0008
8
0.26
0.0004
4
38
1.00
0.0015
15
0.5
0.0008
8
76
2.00
0.0031
31
1.00
0.0015
15
153
4.00
0.0061
61
2.00
0.0031
31
Table II. Output Coding
Unipolar Mode
Bipolar Mode
Input Relative to
Input in Volts
Input Relative to
Input in Volts
Output Data
FS and AGND
FS and AGND
1111 1111 1111 1111
+VREF – 1.5 LSB
+2.499943
+VREF – 1.5 LSB
+2.499886
1111 1111 1111 1110
+VREF – 2.5 LSB
+2.499905
+VREF – 2.5 LSB
+2.499810
1111 1111 1111 1101
+VREF – 3.5 LSB
+2.499867
+VREF – 3.5 LSB
+2.499733
1111 1111 1111 1100
1000 0000 0000 0001
+VREF/2 + 0.5 LSB
+1.250019
AGND + 0.5 LSB
+0.000038
1000 0000 0000 0000
+VREF/2 – 0.5 LSB
+1.249981
AGND – 0.5 LSB
–0.000038
0111 1111 1111 1111
+VREF/2 – 1.5 LSB
+1.249943
AGND – 1.5 LSB
–0.000114
0111 1111 1111 1110
0000 0000 0000 0011
AGND + 2.5 LSB
+0.000095
–VREF + 2.5 LSB
–2.499810
0000 0000 0000 0010
AGND + 1.5 LSB
+0.000057
–VREF + 1.5 LSB
–2.499886
0000 0000 0000 0001
AGND + 0.5 LSB
+0.000019
–VREF + 0.5 LSB
–2.499962
0000 0000 0000 0000
NOTES
1V
REF = +2.5 V
2AGND = 0 V
3Unipolar Mode, 1 LSB = 2.5 V/655536 = 0.000038 V
4Bipolar Mode, 1 LSB = 5 V/65536 = 0.000076 V
5Inputs are voltages at code transitions.


Similar Part No. - AD7701BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7701BQ AD-AD7701BQ Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
More results

Similar Description - AD7701BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
   16-Bit A/D Converter
Rev. E
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com