Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF89435 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYRF89435
Description  PRoC??- CapSense짰
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF89435 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYRF89435 Datasheet HTML 1Page - Cypress Semiconductor CYRF89435 Datasheet HTML 2Page - Cypress Semiconductor CYRF89435 Datasheet HTML 3Page - Cypress Semiconductor CYRF89435 Datasheet HTML 4Page - Cypress Semiconductor CYRF89435 Datasheet HTML 5Page - Cypress Semiconductor CYRF89435 Datasheet HTML 6Page - Cypress Semiconductor CYRF89435 Datasheet HTML 7Page - Cypress Semiconductor CYRF89435 Datasheet HTML 8Page - Cypress Semiconductor CYRF89435 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
CYRF89435
Document Number: 001-76581 Rev. *D
Page 4 of 40
PSoC® Functional Overview
The PSoC family consists of on-chip controller devices, which
are designed to replace multiple traditional microcontroller unit
(MCU)-based components with one, low cost single-chip
programmable
component.
A
PSoC
device
includes
configurable analog and digital blocks, and programmable
interconnect. This architecture allows the user to create
customized peripheral configurations, to match the requirements
of each individual application. Additionally, a fast CPU, flash
program memory, SRAM data memory, and configurable I/O are
included in a range of convenient pinouts.
The architecture for this device family, as shown in the Logical
Block Diagram on page 2, consists of three main areas:
The Core
CapSense Analog System
WirelessUSB NL System
System Resources.
A common, versatile bus allows connection between I/O and the
analog system.
Each CYRF89435 device includes a dedicated CapSense block
that provides sensing and scanning control circuitry for
capacitive sensing applications. The 13 GPIOs provide access
to the MCU and analog mux.
PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO and
ILO. The CPU core, called the M8C, is a powerful processor with
speeds up to 24 MHz. The M8C is a 4-MIPS, 8-bit
Harvard-architecture microprocessor.
CapSense System
The analog system contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. The analog system is composed of the
CapSense PSoC block and an internal 1 V or 1.2 V analog
reference, which together support capacitive sensing of up to
13 inputs. Capacitive sensing is configurable on each GPIO pin.
Scanning of enabled CapSense pins are completed quickly and
easily across multiple ports.
SmartSense
SmartSense is an innovative solution from Cypress that removes
manual tuning of CapSense applications. This solution is easy to
use and provides a robust noise immunity. It is the only
auto-tuning solution that establishes, monitors, and maintains all
required tuning parameters. SmartSense allows engineers to go
from prototyping to mass production without re-tuning for
manufacturing variations in PCB and/or overlay material
properties.
SmartSense_EMC
In addition to the SmartSense auto-tuning algorithm to remove
manual tuning of CapSense applications, SmartSense_EMC
user module incorporates a unique algorithm to improve
robustness of capacitive sensing algorithm/circuit against high
frequency conducted and radiated noise. Every electronic device
must comply with specific limits for radiated and conducted
external noise and these limits are specified by regulatory bodies
(for example, FCC, CE, U/L and so on). A very good PCB layout
design, power supply design and system design is a mandatory
for a product to pass the conducted and radiated noise tests. An
ideal PCB layout, power supply design or system design is not
often possible because of cost and form factor limitations of the
product. SmartSense_EMC with superior noise immunity is well
suited and handy for such applications to pass radiated and
conducted noise test.
Figure 1. CapSense System Block Diagram
IDAC
Reference
Buffer
Vr
Cinternal
Cap Sense Counters
Comparator
Mux
Mux
Refs
CapSense
Clock Select
Oscillator
CSCLK
IMO
CS1
CS2
CSN
Cexternal (P0[1]
or P0[3])


Similar Part No. - CYRF89435

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF89435-40LTXC CYPRESS-CYRF89435-40LTXC Datasheet
534Kb / 39P
   PRoC??- CapSense짰
CYRF89435-68LTXC CYPRESS-CYRF89435-68LTXC Datasheet
1Mb / 39P
   PRoC??- CapSense짰
CYRF89435 CYPRESS-CYRF89435_13 Datasheet
534Kb / 39P
   PRoC??- CapSense짰
More results

Similar Description - CYRF89435

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF89435-68LTXC CYPRESS-CYRF89435-68LTXC Datasheet
1Mb / 39P
   PRoC??- CapSense짰
CYRF89435 CYPRESS-CYRF89435_13 Datasheet
534Kb / 39P
   PRoC??- CapSense짰
CYRF89235 CYPRESS-CYRF89235 Datasheet
645Kb / 45P
   PRoC??USB
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
CY8C20236A CYPRESS-CY8C20236A Datasheet
728Kb / 29P
   Automotive CapSense짰 Applications
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CYBLE-222014-01 CYPRESS-CYBLE-222014-01 Datasheet
906Kb / 37P
   EZ-BLE??PRoC??Bluetooth 4.2 Module
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com