Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBRTB-DJB Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DBRTB-DJB
Description  High brightness tri-color surface mount LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DBRTB-DJB Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DBRTB-DJB Datasheet HTML 1Page - DOMINANT Semiconductors DBRTB-DJB Datasheet HTML 2Page - DOMINANT Semiconductors DBRTB-DJB Datasheet HTML 3Page - DOMINANT Semiconductors DBRTB-DJB Datasheet HTML 4Page - DOMINANT Semiconductors DBRTB-DJB Datasheet HTML 5Page - DOMINANT Semiconductors DBRTB-DJB Datasheet HTML 6Page - DOMINANT Semiconductors DBRTB-DJB Datasheet HTML 7Page - DOMINANT Semiconductors DBRTB-DJB Datasheet HTML 8Page - DOMINANT Semiconductors DBRTB-DJB Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
DBRTB-DJB
Electrical Characteristics at Tj=250C
Vf @ If = 20 mA / Chip
2.1
3.2
3.2
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
Red
True Green
Blue
2.0
3.0
3.0
2.6
3.6
3.6
DOMINANT
Opto Technologies
Innovating Illumination
TM
27/09/2011 V1.0
120
True Green
525nm
DBRTB-DJB-U1U2+V2W1+S2T1-1
Red
622nm
Part Ordering
Number
Color, λdom (nm)
Viewing
Angle˚
Luminous Intensity
IF = 20mA IV (mcd)
Chip #1 Chip #2
Chip #1
Chip #2
NOTE:
1. Reel comes in a quantity of 1000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. All electrical and optical data are measured at room temperature; Ta = Tj = 25
˚C.
Chip #3
Blue
470nm
Chip #3
900.0 - 1400.0
450.0 - 715.0
224.0 - 355.0
Optical Characteristics at Tj = 25˚C
Viewing
Angle
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Red; AlInGaP=30;
True Green, Blue; InGaN=25
Red ; AlInGaP=100;
True Green, Blue; InGaN=100
Red; AlInGaP=5;
True Green, Blue; InGaN= Not for reverse bias
2000
125
-40 … +100
-40 … +100
mA
mA
V
V
˚C
˚C
˚C


Similar Part No. - DBRTB-DJB

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DBR-1 PAIRUI-DBR-1 Datasheet
501Kb / 4P
   DC-DC Converter
DBR-1 PAIRUI-DBR-1 Datasheet
375Kb / 3P
   DC-DC Converter
DBR-1F PAIRUI-DBR-1F Datasheet
393Kb / 3P
   DC-DC Converter
DBR-1F PAIRUI-DBR-1F Datasheet
384Kb / 3P
   DC-DC Converter
DBR-1F PAIRUI-DBR-1F_15 Datasheet
384Kb / 3P
   DC-DC Converter
More results

Similar Description - DBRTB-DJB

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-PJG-PCN DOMINANT-D6RTB-PJG-PCN Datasheet
1Mb / 14P
   High brightness tri-color surface mount LED
D6RTB-DJD-PCN DOMINANT-D6RTB-DJD-PCN Datasheet
854Kb / 14P
   High brightness tri-color surface mount LED
D6RTB-HJD-PCN DOMINANT-D6RTB-HJD-PCN Datasheet
821Kb / 14P
   High brightness tri-color surface mount LED
DMRTB-UJB-ST3-UV3-RS3-1 DOMINANT-DMRTB-UJB-ST3-UV3-RS3-1 Datasheet
878Kb / 14P
   High brightness tri-color surface mount LED
logo
BRIGHT LED ELECTRONICS ...
BL-PMRTB-CJB BRIGHT-BL-PMRTB-CJB Datasheet
634Kb / 8P
   High brightness tri-color surface mount LED.
BL-PMSGB-GJB BRIGHT-BL-PMSGB-GJB Datasheet
154Kb / 5P
   Low brightness tri-color surface mount LED.
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
logo
DOMINANT Semiconductors
DMHG-GJ DOMINANT-DMHG-GJ Datasheet
871Kb / 12P
   High brightness bi-color surface mount LED
DKXX-NJS DOMINANT-DKXX-NJS Datasheet
1Mb / 12P
   High brightness bi-color surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com