Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP14CA Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # 5KP14CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

5KP14CA Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  5KP14CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 5KP14CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 5KP14CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 5KP14CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transient
5KP Series
MERITEK
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
MIN.@IT
Breakdown
Voltage
MAX.@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
5KP18A
5KP18CA
18.0
5KP20A
5KP20CA
20.0
5KP22A
5KP22CA
22.0
5KP24A
5KP24CA
24.0
5KP26A
5KP26CA
26.0
28.
5KP28A
5KP28CA
28.0
31.
5KP30A
5KP30CA
30.0
5KP33A
5KP33CA
33.0
5KP36A
5KP36CA
36.0
5KP40A
5KP40CA
40.0
5KP43A
5KP43CA
43.0
5KP45A
5KP45CA
45.0
5KP48A
5KP48CA
48.0
5KP51A
5KP51CA
51.0
5KP54A
5KP54CA
54.0
5KP58A
5KP58CA
58.0
5KP60A
5KP60CA
60.0
5KP64A
5KP64CA
64.0
5KP70A
5KP70CA
70.0
5KP75A
5KP75CA
75.0
5KP78A
5KP78CA
78.0
5KP85A
5KP85CA
85.0
5KP90A
5KP90CA
90.0
100.
5KP100A
5KP100CA
100.0
5KP110A
5KP110CA
110.0
5KP120A
5KP120CA
120.0
5KP130A
5KP130CA
130.0
5KP150A
5KP150CA
150.0
5KP160A
5KP160CA
160.0
5KP170A
5KP170CA
170.0
5KP180A
5KP180CA
180.0
5KP190A
5KP190CA
190.0
5KP200A
5KP200CA
200.0
5KP210A
5KP210CA
210.0
5KP220A
5KP220CA
220.0
5KP250A
5KP250CA
250.0
20.00
22.10
5
29.2
174.7
2
22.20
24.50
5
32.4
157.4
2
24.00
26.90
5
35.5
143.7
2
26.70
29.50
5
38.9
131.1
2
90
31.90
5
42.1
121.1
2
10
34.40
5
45.4
112.3
2
33.30
36.80
5
48.4
105.4
2
36.70
40.60
5
53.3
95.7
2
40.00
44.20
5
58.1
87.8
2
44.40
49.10
5
64.5
79.1
2
47.80
52.80
5
69.4
73.5
2
50.00
55.30
5
72.7
70.2
2
53.30
58.90
5
77.4
65.9
2
56.70
62.70
5
82.4
61.9
2
60.00
66.30
5
87.1
58.6
2
64.40
71.20
5
93.6
54.5
2
66.70
73.70
5
96.8
52.7
2
71.10
78.60
5
103.0
49.5
2
77.80
86.00
5
113.0
45.1
2
83.30
92.10
5
121.0
42.1
2
86.70
95.80
5
126.0
40.5
2
94.40
104.00
5
137.0
37.2
2
00
111.00
5
146.0
34.9
2
110.00
123.00
5
162.0
31.5
2
122.00
135.00
5
177.0
28.8
2
133.00
147.00
5
193.0
26.4
2
144.00
159.00
5
209.0
24.4
2
167.00
185.00
5
243.0
21.0
2
178.00
197.00
5
259.0
19.7
2
189.00
209.00
5
275.0
18.5
2
200.00
221.00
5
292.0
17.5
2
211.00
233.00
5
310.0
16.5
2
222.00
246.00
5
329.2
15.5
2
233.00
258.00
5
349.5
14.6
2
244.00
270.00
5
371.1
13.7
2
277.00
306.00
5
425.0
12.0
2
Note: For Bidirectional type having VRWM of 10 volts and less,the IR limit doubles.
3
Rev 7


Similar Part No. - 5KP14CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP14CA SURGE-5KP14CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP14CA LUGUANG-5KP14CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
CHENG-YI ELECTRONIC CO....
5KP14CA CHENG-YI-5KP14CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP14CA SECOS-5KP14CA Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Shenzhen Luguang Electr...
5KP14CA LUGUANG-5KP14CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP14CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com