Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP8.5CA Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # 5KP8.5CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

5KP8.5CA Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  5KP8.5CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 5KP8.5CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 5KP8.5CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 5KP8.5CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PACKAGE DIMENSIONS
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
8.60
9.10
0.340
0.360
d
8.60
9.10
0.340
0.360
s
1.22
1.32
0.048
0.052
Transient
5KP Series
MERITEK
SPECIFICATIONS
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
MIN.@IT
Breakdown
Voltage
MAX.@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
5KP5.0A
5KP5.0CA
5.0
6.40
7.00
50
9.2
554.3
5000
5KP6.0A
5KP6.0CA
6.0
6.67
7.37
50
10.3
495.1
5000
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
11.2
455.4
2000
5KP7.0A
5KP7.0CA
7.0
7.78
8.60
50
12.0
425.0
1000
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
12.9
395.3
250
5KP8.0A
5KP8.0CA
8.0
8.89
9.83
5
13.6
375.0
150
5KP8.5A
5KP8.5CA
8.5
9.44
10.40
5
14.4
354.2
50
5KP9.0A
5KP9.0CA
9.0
10.00
11.10
5
15.4
331.2
20
5KP10A
5KP10CA
10.0
11.10
12.30
5
17.0
300.0
15
5KP11A
5KP11CA
11.0
5KP12A
5KP12CA
12.0
5KP13A
5KP13CA
13.0
5KP14A
5KP14CA
14.0
5KP15A
5KP15CA
15.0
5KP16A
5KP16CA
16.0
5KP17A
5KP17CA
17.0
12.20
13.50
5
18.2
280.2
2
13.30
14.70
5
19.9
256.3
2
14.40
15.90
5
21.5
237.2
2
15.60
17.20
5
23.2
219.8
2
16.70
18.50
5
24.4
209.0
2
17.80
19.70
5
26.0
196.2
2
18.90
20.90
5
27.6
184.8
2
L
L
T
d
s
DIA.
DIA.
P600
2
Rev 7


Similar Part No. - 5KP8.5CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP8.5CA SURGE-5KP8.5CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP8.5CA LUGUANG-5KP8.5CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Micro Commercial Compon...
5KP8.5CA MCC-5KP8.5CA Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
logo
SUNMATE electronic Co.,...
5KP8.5CA SUNMATE-5KP8.5CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Shenzhen Luguang Electr...
5KP8.5CA LUGUANG-5KP8.5CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP8.5CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com