Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ26A Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # 5.0SMDJ26A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

5.0SMDJ26A Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  5.0SMDJ26A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ26A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ26A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 5.0SMDJ26A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For surface mounted applications in order to optimize board space.
Low profile package.
Built-in strain relief.
Glass passivated junction.
Low inductance.
Excellent clamping capability.
Repetition Rate (duty cycle): 0.01%.
Fast response time: typically less than 1.0ps from 0 volt to BV for unidirectional types.
Typical IR less than 1µA.
High Temperature soldering: 260°C/10 seconds at terminals.
Case: JEDEC DO-214AB. Molded plastic over glass passivated junction.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026.
Polarity: Color band denotes cathode except Bidirectional.
Standard Packaging: 16mm tape (EIA STD RS-481).
Weight: 0.007 ounce, 0.21 grams.
SMC/DO-214AB
Ratings at 25 ambient temperature unless otherwise specified.
Transient Voltage Suppressors
Series
MERITEK
FEATURES
MECHANICAL DATA
°C
MAXIMUM RATINGS AND CHARACTERISTICS
Notes: 1. Non-repetitive current pulse, per Fig.
3 and derated above TA =25
Ser Fig. 2.
2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minute maximum.
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power Dissipation on 10/1000 s waveform
.
(Note 1, Note 2, Fig. 1)
PPPM
Minimum 5
,000
Watts
Peak Pulse Current on 10/1000 s waveform. (Note 1, Fig. 3)
IPPM
See Table
Amps
Steady State Power Dissipation at TL =75
, Lead length .375”
(9.5mm)
. (Note 2, Fig. 5)
PM(AV)
6.5
Watts
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load
. (JEDEC Method) (Note 3, Fig. 6)
IFSM
300
Amps
Operating junction and Storage Temperature Range.
TJ ,TSTG
-65 to +150
ƒ&
ƒ&
ƒ&
All specifications are subject to change without notice.
1
Rev 7


Similar Part No. - 5.0SMDJ26A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ26A MDE-5.0SMDJ26A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
5.0SMDJ26A FS-5.0SMDJ26A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Nanjing International G...
5.0SMDJ26A DGNJDZ-5.0SMDJ26A Datasheet
102Kb / 4P
   Plastic material has UL flammability classification 94V-O
logo
Shenzhen Luguang Electr...
5.0SMDJ26A LUGUANG-5.0SMDJ26A Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
5.0SMDJ26A LITTELFUSE-5.0SMDJ26A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 5.0SMDJ26A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com