Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7664 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 1 Page - Analog Devices

  AD7664 Datasheet HTML 1Page - Analog Devices AD7664 Datasheet HTML 2Page - Analog Devices AD7664 Datasheet HTML 3Page - Analog Devices AD7664 Datasheet HTML 4Page - Analog Devices AD7664 Datasheet HTML 5Page - Analog Devices AD7664 Datasheet HTML 6Page - Analog Devices AD7664 Datasheet HTML 7Page - Analog Devices AD7664 Datasheet HTML 8Page - Analog Devices AD7664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7664*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
16-Bit, 570 kSPS CMOS ADC
FUNCTIONAL BLOCK DIAGRAM
SWITCHED
CAP DAC
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7664
DATA[15:0]
BUSY
RD
CS
SER/
PAR
OB/
2C
OGND
OVDD
DGND
DVDD
AVDD AGND REF REFGND
IN
INGND
PD
RESET
SERIAL
PORT
PARALLEL
INTERFACE
CNVST
WARP
IMPULSE
FEATURES
Throughput:
570 kSPS (Warp Mode)
500 kSPS (Normal Mode)
INL:
2.5 LSB Max ( 0.0038% of Full-Scale)
16 Bits Resolution with No Missing Codes
S/(N+D): 90 dB Typ @ 10 kHz
THD: –100 dB Typ @ 10 kHz
Analog Input Voltage Range: 0 V to 2.5 V
Both AC and DC Specifications
No Pipeline Delay
Parallel and Serial 5 V/3 V Interface
Single 5 V Supply Operation
Power Dissipation
97 mW Typical,
21
W @ 100 SPS
Power-Down Mode: 7
W Max
Package: 48-Lead Quad Flat Pack (LQFP)
Pin-to-Pin Compatible Upgrade of the AD7660
APPLICATIONS
Data Acquisition
Instrumentation
Digital Signal Processing
Spectrum Analysis
Medical Instruments
Battery-Powered Systems
Process Control
GENERAL DESCRIPTION
The AD7664 is a 16-bit, 570 kSPS, charge redistribution SAR,
analog-to-digital converter that operates from a single 5 V power
supply. The part contains a high-speed 16-bit sampling ADC,
an internal conversion clock, error correction circuits, and both
serial and parallel system interface ports.
The AD7664 is hardware factory calibrated and is comprehensively
tested to ensure such ac parameters as signal-to-noise ratio (SNR)
and total harmonic distortion (THD), in addition to the more
traditional dc parameters of gain, offset, and linearity.
It features a very high sampling rate mode (Warp) and, for asyn-
chronous conversion rate applications, a fast mode (Normal)
and, for low power applications, a reduced power mode (Impulse)
where the power is scaled with the throughput.
It is fabricated using Analog Devices’ high-performance, 0.6
micron CMOS process, with correspondingly low cost and is
available in a 48-lead LQFP with operation specified from –40
°C
to +85
°C.
PRODUCT HIGHLIGHTS
1. Fast Throughput
The AD7664 is a 570 kSPS, charge redistribution, 16-bit
SAR ADC with internal error correction circuitry.
2. Superior INL
The AD7664 has a maximum integral nonlinearity of 2.5 LSBs
with no missing 16-bit code.
3. Single-Supply Operation
The AD7664 operates from a single 5 V supply and typically
dissipates only 97 mW. In impulse mode, its power dissipa-
tion decreases with the throughput to, for instance, only 21
µW
at a 100 SPS throughput. It consumes 7
µW maximum when in
power-down.
4. Serial or Parallel Interface
Versatile parallel or 2-wire serial interface arrangement com-
patible with both 3 V or 5 V logic.
*Patent pending.


Similar Part No. - AD7664

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7664 AD-AD7664 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7664 AD-AD7664 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7664 AD-AD7664 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7664 AD-AD7664 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7664 AD-AD7664 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7664

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7650 AD-AD7650 Datasheet
265Kb / 21P
   16-Bit, 570 kSPS Low Cost CMOS ADC
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7650 AD-AD7650_15 Datasheet
228Kb / 20P
   16-Bit, 570 kSPS Low Cost CMOS ADC
REV. 0
AD7664 AD-AD7664_15 Datasheet
386Kb / 24P
   16-Bit, 570 kSPS
REV. E
AD7660 AD-AD7660 Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com