Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCAL6416AHF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCAL6416AHF
Description  Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6416AHF Datasheet(HTML) 5 Page - NXP Semiconductors

  PCAL6416AHF Datasheet HTML 1Page - NXP Semiconductors PCAL6416AHF Datasheet HTML 2Page - NXP Semiconductors PCAL6416AHF Datasheet HTML 3Page - NXP Semiconductors PCAL6416AHF Datasheet HTML 4Page - NXP Semiconductors PCAL6416AHF Datasheet HTML 5Page - NXP Semiconductors PCAL6416AHF Datasheet HTML 6Page - NXP Semiconductors PCAL6416AHF Datasheet HTML 7Page - NXP Semiconductors PCAL6416AHF Datasheet HTML 8Page - NXP Semiconductors PCAL6416AHF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
PCAL6416A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 24 December 2012
5 of 54
NXP Semiconductors
PCAL6416A
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
5.
Pinning information
5.1 Pinning
The exposed center pad, if used, must be
connected only as a secondary ground or
must be left electrically open.
Fig 2.
Pin configuration for TSSOP24
Fig 3.
Pin configuration for HWQFN24
An empty cell indicates no ball
is populated at that grid point.
Fig 4.
Pin configuration for VFBGA24
(3 mm
 3 mm)
Fig 5.
Ball mapping for 3 mm
 3 mm
VFBGA24 (transparent top view)
PCAL6416APW
INT
VDD(P)
VDD(I2C-bus)
SDA
RESET
SCL
P0_0
ADDR
P0_1
P1_7
P0_2
P1_6
P0_3
P1_5
P0_4
P1_4
P0_5
P1_3
P0_6
P1_2
P0_7
P1_1
VSS
P1_0
002aaf963
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
002aaf964
Transparent top view
P1_3
P0_4
P0_5
P1_4
P0_3
P1_5
P0_2
P1_6
P0_1
P1_7
P0_0
ADDR
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
PCAL6416AHF
002aaf966
PCAL6416AEV
Transparent top view
D
B
E
C
A
ball A1
index area
12
34
5
P0_0
RESET
SDA
SCL
1
234
5
P0_2
VDD(I2C-bus) VDD(P)
ADDR
A
B
P0_3
P0_4
P0_1
P1_7
P1_6
C
P0_5
P1_2
P1_4
P1_5
D
P0_6
VSS
P1_0
P1_1
P1_3
E
P0_7
002aag244
INT


Similar Part No. - PCAL6416AHF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6416AHF NXP-PCAL6416AHF Datasheet
840Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416AHF NXP-PCAL6416AHF Datasheet
859Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCAL6416AHF128 NXP-PCAL6416AHF128 Datasheet
840Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416AHF128 NXP-PCAL6416AHF128 Datasheet
859Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
More results

Similar Description - PCAL6416AHF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
   Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
logo
Texas Instruments
TCAL6416 TI-TCAL6416 Datasheet
1Mb / 42P
[Old version datasheet]   TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL6416 TI-TCAL6416_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL9539 TI-TCAL9539 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
JULY 2022
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com