Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7575 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7575
Description  LC2MOS 5 us 8-Bit ADC with Track/Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7575 Datasheet(HTML) 3 Page - Analog Devices

  AD7575 Datasheet HTML 1Page - Analog Devices AD7575 Datasheet HTML 2Page - Analog Devices AD7575 Datasheet HTML 3Page - Analog Devices AD7575 Datasheet HTML 4Page - Analog Devices AD7575 Datasheet HTML 5Page - Analog Devices AD7575 Datasheet HTML 6Page - Analog Devices AD7575 Datasheet HTML 7Page - Analog Devices AD7575 Datasheet HTML 8Page - Analog Devices AD7575 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7575
–3–
REV. B
TIMING SPECIFICATIONS1
Limit at +25 C
Limit at TMIN, TMAX
Limit at TMIN, TMAX
Parameter
(All Versions)
(J, K, A, B Versions)
(S, T Versions)
Units
Conditions/Comments
t1
0
0
0
ns min
CS to RD Setup Time
t2
100
100
120
ns max
RD to BUSY Propagation Delay
t3
2
100
100
120
ns max
Data Access Time after
RD
t4
100
100
120
ns min
RD Pulse Width
t5
0
0
0
ns min
CS to RD Hold Time
t6
2
80
80
100
ns max
Data Access Time after
BUSY
t7
3
10
10
10
ns min
Data Hold Time
80
80
100
ns max
t8
0
0
0
ns min
BUSY to CS Delay
NOTES
1Timing specifications are sample tested at +25
°C to ensure compliance. All input control signals are specified with tr = tf = 20 ns (10% to 90% of +5 V)
and timed from a voltage level of 1.6 V.
2t
3 and t6 are measured with the load circuits of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V.
3t
7 is defined as the time required for the data lines to change 0.5 V when loaded with the circuits of Figure 2.
Specifications subject to change without notice.
(VDD = +5 V, VREF = +1.23 V, AGND = DGND = 0 V)
Test Circuits
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD + 0.3 V
Digital Output Voltage to DGND . . . . . . –0.3 V, VDD + 0.3 V
CLK Input Voltage to DGND . . . . . . . . . –0.3 V, VDD + 0.3 V
VREF to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
AIN to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Operating Temperature Range
Commercial (J, K Versions) . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A, B Versions) . . . . . . . . . . . . . –25
°C to +85°C
Extended (S, T Versions) . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . 450 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7575 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
b High-Z to VOL
a. High-Z to VOH
Figure 1. Load Circuits for Data Access Time Test
Figure 2. Load Circuits for Data Hold Time Test
a. VOH to High-Z
b. VOL to High-Z
WARNING!
ESD SENSITIVE DEVICE
DGND
3k
100pF
DBN
DGND
3k
100pF
DBN
+5V
DGND
3k
10pF
DBN
DGND
3k
10pF
DBN
+5V


Similar Part No. - AD7575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575 AD-AD7575 Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7575AQ AD-AD7575AQ Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575AQ AD-AD7575AQ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
More results

Similar Description - AD7575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821 Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com