Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9535A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9535A
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535A Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9535A Datasheet HTML 1Page - NXP Semiconductors PCA9535A Datasheet HTML 2Page - NXP Semiconductors PCA9535A Datasheet HTML 3Page - NXP Semiconductors PCA9535A Datasheet HTML 4Page - NXP Semiconductors PCA9535A Datasheet HTML 5Page - NXP Semiconductors PCA9535A Datasheet HTML 6Page - NXP Semiconductors PCA9535A Datasheet HTML 7Page - NXP Semiconductors PCA9535A Datasheet HTML 8Page - NXP Semiconductors PCA9535A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PCA9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 11 September 2012
5 of 38
NXP Semiconductors
PCA9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9535A”.
6.1 Device address
A2, A1 and A0 are the hardware address package pins and are held to either HIGH
(logic 1) or LOW (logic 0) to assign one of the eight possible slave addresses. The last bit
of the slave address (R/W) defines the operation (read or write) to be performed. A HIGH
(logic 1) selects a read operation, while a LOW (logic 0) selects a write operation.
6.2 Registers
6.2.1 Pointer register and command byte
Following the successful acknowledgement of the address byte, the bus master sends a
command byte, which is stored in the Pointer register in the PCA9535A. The lower
three bits of this data byte state the operation (read or write) and the internal registers
(Input, Output, Polarity Inversion, or Configuration) that will be affected. This register is
write only.
[1]
Undefined.
Fig 4.
PCA9535A device address
R/W
002aah371
0
1
0
0
A2
A1
A0
hardware
selectable
slave address
fixed
Fig 5.
Pointer register bits
002aaf540
B7
B6
B5
B4
B3
B2
B1
B0
Table 4.
Command byte
Pointer register bits
Command byte
(hexadecimal)
Register
Protocol
Power-up
default
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
0
0
00h
Input port 0
read byte
xxxx xxxx[1]
0
0
0
0
0
0
0
1
01h
Input port 1
read byte
xxxx xxxx
0
0
0
0
0
0
1
0
02h
Output port 0
read/write byte
1111 1111
0
0
0
0
0
0
1
1
03h
Output port 1
read/write byte
1111 1111
0
0
0
0
0
1
0
0
04h
Polarity Inversion port 0
read/write byte
0000 0000
0
0
0
0
0
1
0
1
05h
Polarity Inversion port 1
read/write byte
0000 0000
0
0
0
0
0
1
1
0
06h
Configuration port 0
read/write byte
1111 1111
0
0
0
0
0
1
1
1
07h
Configuration port 1
read/write byte
1111 1111


Similar Part No. - PCA9535A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535A NXP-PCA9535A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9535A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9535 NXP-PCA9535_08 Datasheet
182Kb / 31P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 05-15 September 2008
PCA9555A NXP-PCA9555A Datasheet
2Mb / 39P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up
Rev. 1-11 September 2012
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com