Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9522 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9522
Description  Fast dual bidirectional bus buffer with hot insertion logic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9522 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9522 Datasheet HTML 1Page - NXP Semiconductors PCA9522 Datasheet HTML 2Page - NXP Semiconductors PCA9522 Datasheet HTML 3Page - NXP Semiconductors PCA9522 Datasheet HTML 4Page - NXP Semiconductors PCA9522 Datasheet HTML 5Page - NXP Semiconductors PCA9522 Datasheet HTML 6Page - NXP Semiconductors PCA9522 Datasheet HTML 7Page - NXP Semiconductors PCA9522 Datasheet HTML 8Page - NXP Semiconductors PCA9522 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PCA9522
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2011
5 of 20
NXP Semiconductors
PCA9522
Fast dual bidirectional bus buffer with hot insertion logic
7.4 Ready (RDY) — buffer connected indicator
The ready output (RDY) indicates that the buffer has met its enable conditions, and that
communication will now occur. This is an open-collector transistor which is switched off
when ready, allowing the voltage at the pin to be pulled HIGH by a pull-up resistor.
7.5 Start-up
During power-up or live insertion into backplanes, the PCA9522 will start-up in an
UnderVoltage LockOut (UVLO) state where any activity on the input/output ports will be
ignored. This is to ensure that the PCA9522 does not try to operate when there is not
enough voltage on the supply.
During this time, the precharge circuit will charge all SCLB/SDAB backplane ports to
typically 0.92 V. This will minimize any voltage difference between the ports and hence
minimizes disruptions to the bus during hot insertion into backplanes.
When the supply increases above the UVLO state the PCA9522 will then monitor the bus
for either stop bit or bus idle condition. When a stop bit condition is detected and
SCLC/SDAC are both idle or when all SCL/SDA ports idle for a time period of typically
95
s, then the PCA9522 will activate the input-output connection circuitry. The precharge
circuitry is switched off. The voltage at the RDY pin is pulled HIGH by an external pull-up
resistor to indicate the input/output connection has been made.
8.
Limiting values
[1]
Voltages are specified with respect to pin 4 (GND).
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
0.3
+7
V
Vn
voltage on any other pin
SCLB, SCLC,
SDAB, SDAC
[1]
0.3
+12
V
VI(EN)
input voltage on pin EN
[1]
0.3
+12
V
IIO
input/output current
DC; any pin
-
20
mA
Ptot
total power dissipation
-
300
mW
Tstg
storage temperature
55
+125
C
Tamb
ambient temperature
operating
40
+85
C


Similar Part No. - PCA9522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9522 NXP-PCA9522 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
PCA9615 PHILIPS-PCA9615 Datasheet
905Kb / 29P
   2-channel multipoint Fast-mode Plus differential I2C-bus buffer with hot-swap logic
Rev. 1.1-10 May 2016
logo
Torex Semiconductor
XC74WL241ASR TOREX-XC74WL241ASR Datasheet
135Kb / 5P
   CMOS Logic Dual Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com