Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA6408AHK Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA6408AHK
Description  Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6408AHK Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA6408AHK Datasheet HTML 2Page - NXP Semiconductors PCA6408AHK Datasheet HTML 3Page - NXP Semiconductors PCA6408AHK Datasheet HTML 4Page - NXP Semiconductors PCA6408AHK Datasheet HTML 5Page - NXP Semiconductors PCA6408AHK Datasheet HTML 6Page - NXP Semiconductors PCA6408AHK Datasheet HTML 7Page - NXP Semiconductors PCA6408AHK Datasheet HTML 8Page - NXP Semiconductors PCA6408AHK Datasheet HTML 9Page - NXP Semiconductors PCA6408AHK Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
PCA6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 27 September 2012
6 of 40
NXP Semiconductors
PCA6408A
Low-voltage, 8-bit I2C-bus and SMBus I/O expander
6.
Voltage translation
Table 4 shows how to set up VDD levels for the necessary voltage translation between the
I2C-bus and the PCA6408A.
7.
Functional description
Refer to Figure 1 “Block diagram (positive logic)”.
7.1 Device address
The address of the PCA6408A is shown in Figure 5.
ADDR is the hardware address package pin and is held to either HIGH (logic 1) or LOW
(logic 0) to assign one of the two possible slave addresses. The last bit of the slave
address defines the operation (read or write) to be performed. A HIGH (logic 1) selects a
read operation, while a LOW (logic 0) selects a write operation.
Table 4.
Voltage translation
VDD(I2C-bus) (SDA and SCL of I2C master)
VDD(P) (Port P)
1.8 V
1.8 V
1.8 V
2.5 V
1.8 V
3.3 V
1.8V
5V
2.5 V
1.8 V
2.5 V
2.5 V
2.5 V
3.3 V
2.5V
5V
3.3 V
1.8 V
3.3 V
2.5 V
3.3 V
3.3 V
3.3V
5V
5V
1.8V
5V
2.5V
5V
3.3V
5V
5V
Fig 5.
PCA6408A address
R/W
002aaf539
0
1
0
0
0
0
AD
DR
fixed
slave address
programmable


Similar Part No. - PCA6408AHK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
PCA6416AEV NXP-PCA6416AEV Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
PCA6416AHF NXP-PCA6416AHF Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
PCA6416APW NXP-PCA6416APW Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
More results

Similar Description - PCA6408AHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
   Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com