Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9509P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9509P
Description  Low power level translating I2C-bus/SMBus repeater
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9509P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9509P Datasheet HTML 6Page - NXP Semiconductors PCA9509P Datasheet HTML 7Page - NXP Semiconductors PCA9509P Datasheet HTML 8Page - NXP Semiconductors PCA9509P Datasheet HTML 9Page - NXP Semiconductors PCA9509P Datasheet HTML 10Page - NXP Semiconductors PCA9509P Datasheet HTML 11Page - NXP Semiconductors PCA9509P Datasheet HTML 12Page - NXP Semiconductors PCA9509P Datasheet HTML 13Page - NXP Semiconductors PCA9509P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PCA9509P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 14 August 2012
10 of 23
NXP Semiconductors
PCA9509P
Low power level translating I2C-bus/SMBus repeater
9.
Static characteristics
[1]
Typical values with VCC(A) = 1.1 V, VCC(B) =3.3 V.
Table 5.
Static characteristics
GND = 0 V; Tamb = 40 Cto+85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Supplies
VCC(B)
supply voltage port B
2.3
-
5.5
V
VCC(A)
supply voltage port A
0.8[2]
-1.5
V
ICC(A)
supply current port A
all port A static HIGH or LOW
2
5
12
A
ICC(B)
supply current port B
all port B static HIGH
200
500
850
A
all port B static LOW
200
510
950
A
ICC(B)stb
standby port B supply current
EN = LOW
0.5
1.5
10
A
Input and output of port A (A1 to A2)
VIH
HIGH-level input voltage
port A
0.2VCC(A) -VCC(A)
V
VIL
LOW-level input voltage
0.5
-
+0.1VCC(A) V
VIK
input clamping voltage
IL = 18 mA
1.5
-
0.5
V
ILI
input leakage current
VI =VCC(A);
EN = HIGH; B1 = HIGH
10
-
+10
A
EN = GND
1-
+1
A
VOL
LOW-level output voltage
VCC(A) = 0.8 V to 1.5 V;
Iload =100 A
[3] -0.2VCC(A)
0.25VCC(A) V
VOLVIL
difference between LOW-level
output and LOW-level input
voltage
[4] -0.05VCC(A) -mV
Cio
input/output capacitance
disabled
-
7
10
pF
Input and output of port B (B1 to B2)
VIH
HIGH-level input voltage
port B
0.7VCC(B) -VCC(B)
V
VIL
LOW-level input voltage
port B
0.5
-
+0.3VCC(B) V
VIK
input clamping voltage
IL = 18 mA
1.5
-
0.5
V
ILI
input leakage current
VI = 3.6 V with An input HIGH
1.0
-
+1.0
A
IIL
LOW-level input current
VI =200 mV; VCC(B) =5.5 V;
VCC(A) = 1.5 V; port A = 1.35 k
pull-up to VCC(A)
10
-
+10
A
VOL
LOW-level output voltage
IOL =6 mA
-
0.1
0.2
V
IOL =30 mA at VCC(B) = 3.0 V
-
0.2
0.5
V
Cio
input/output capacitance
disabled
-
3
5
pF
Enable
VIL
LOW-level input voltage
0.5
-
+0.2VCC(A) V
VIH
HIGH-level input voltage
0.8VCC(A) -VCC(B)
V
IIL(EN)
LOW-level input current on
pin EN
VI = 0.2 V; VCC(B) =3.6 V;
VCC(A) =1.1 V
10
-
+1
A
ILI
input leakage current
VI =VCC(A)
1-
+1
A
Ci
input capacitance
VI =3.0 V
-
2
3
pF


Similar Part No. - PCA9509P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9509P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com