Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24195 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24195
Description  I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24195 Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ24195 Datasheet HTML 23Page - Texas Instruments BQ24195 Datasheet HTML 24Page - Texas Instruments BQ24195 Datasheet HTML 25Page - Texas Instruments BQ24195 Datasheet HTML 26Page - Texas Instruments BQ24195 Datasheet HTML 27Page - Texas Instruments BQ24195 Datasheet HTML 28Page - Texas Instruments BQ24195 Datasheet HTML 29Page - Texas Instruments BQ24195 Datasheet HTML 30Page - Texas Instruments BQ24195 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
POR
watchdog timer expired
Reset registers
I2C interface enabled
I2C Write?
Host Mode
Start watchdog timer
Host programs registers
Y
N
Default Mode
Reset watchdog timer
Reset registers
Reset REG01
bit[6]?
Y
N
Watchdog Timer
Expired?
I2C Write?
Y
N
Y
N
bq24195
bq24195L
www.ti.com
SLUSB97 – OCTOBER 2012
Figure 22. Watchdog Timer Flow Chart
Plug in USB100mA Source with Good Battery
When the input source is detected as 100mA USB host, and the battery voltage is above batgood threshold
(VBATGD), the charger device enters HIZ state to meet the battery charging spec requirement.
If the charger device is in host mode, it will stay in HIZ state even after the USB100mA source is removed, and
the adapter plugs in. During the HIZ state, REG00[7] is set HIGH and the system load is supplied from battery. It
is recommended that the processor host always checks if the charger IC is in HIZ state when it wakes up. The
host can write REG00[7] to 0 to exit HIZ state.
If the charger is in default mode, when the DC source is removed, the charger device will get out of HIZ state
automatically. When the input source plugs in again, the charger IC runs detection on the input source and
update the input current limit.
USB Timer when Charging from USB100mA Source
The total charging time in default mode from USB100mA source is limited by a 45-min max timer. At the end of
the timer, the device stops the converter and goes to HIZ.
Status Outputs (STAT and INT)
Charging Status Indicator (STAT)
The bq24195L, bq24195 indicates charging state on the open drain STAT pin. The STAT pin can drive LED as
the application diagram shows.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: bq24195 bq24195L


Similar Part No. - BQ24195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
bq24190 TI1-bq24190 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190RGER TI1-BQ24190RGER Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24190RGER TI-BQ24190RGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24295RGER TI-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
logo
ETA SOLUTIONS CO. LIMIT...
ETA9688 ETA-ETA9688 Datasheet
168Kb / 1P
   5V/2.1A Synchronous Boost with 1A linear Charger
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
SparkFun Electronics
TOL-16272 SPARKFUN-TOL-16272 Datasheet
117Kb / 1P
   USB-C Wall Adapter - 5.1V, 3A (Black)
6????0
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com