Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7418ARUZ-REEL Datasheet(PDF) 15 Page - Analog Devices

Part # AD7418ARUZ-REEL
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7418ARUZ-REEL Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7418ARUZ-REEL Datasheet HTML 11Page - Analog Devices AD7418ARUZ-REEL Datasheet HTML 12Page - Analog Devices AD7418ARUZ-REEL Datasheet HTML 13Page - Analog Devices AD7418ARUZ-REEL Datasheet HTML 14Page - Analog Devices AD7418ARUZ-REEL Datasheet HTML 15Page - Analog Devices AD7418ARUZ-REEL Datasheet HTML 16Page - Analog Devices AD7418ARUZ-REEL Datasheet HTML 17Page - Analog Devices AD7418ARUZ-REEL Datasheet HTML 18Page - Analog Devices AD7418ARUZ-REEL Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. G
AD7416/AD7417/AD7418
–15–
With a VDD = 3 V, for each 400
µs cycle, the AD7416 spends
40
µs (or 10% of the time) in conversion mode. It spends 360 µs
(or 90% of time) in partial power-down mode. Thus, the aver-
age power dissipated by the AD7416/AD7417/AD7418 is
30 1 1
09
12
mW
×+
×
=
..
.
mW
mW
Mode 2
For applications where temperature measurements are required at
a slower rate, e.g., every second, power consumption of the part
can be reduced by writing to the part to go to a full power-down
between reads. The current consumption in full power-down is
typically 0.2
µA and full power-down is initiated when D0 = 1
in the Configuration Register. When a measurement is required,
a write operation can be performed to power-up the part. The
part then performs a conversion and is returned to power-down.
The temperature value can be read in the full power-down
because the I
2C bus is continuously active.
The power dissipation in this mode depends on the rate at which
reads take place. Taking the requirements for a temperature
measurement every 100 ms as an example, the optimum power
dissipation is achieved by placing the part in full power-down,
waking it up every 100 ms, letting it operate for 400
µs and
putting it into full power-down again. In this case, the average
power consumption is calculated as follows. The part spends
40
µs (or 0.04% of time) converting with 3 mW dissipation and
a 99.96 ms (99.96% of time) in full shutdown with 60 nW dissipa-
tion. Thus, the average power dissipation is
30 004
60
0 9996
1 2
mW
nW
W
×+
×
=
..
.
µ
The fastest throughput rate at which the AD7416/AD7417/
AD7418 can be operated is 2.5 kHz (i.e., a read every 400
µs
conversion period). Since TOTI and THYST are 2-byte reads, the
read time with the I
2C operating at 100 kbit/s would be 270
µs.
If temperature reads are called too often, reads will overlap
with conversions, aborting them continuously, which results in
invalid readings.
CONVERT START MODE
The AD7417/AD7418 has an extra mode, set by writing to the
MSB of the Config2 Register.
CONVST Pin Mode
By setting the
CONVST Mode Bit to 1, conversions are initiated
only by using the
CONVST pin. In this method of operation,
CONVST is normally low.
The rising edge of
CONVST starts the power-up time. This
power-up time is 4
µs. If the CONVST high time is longer than
4
µs, a conversion is initiated on the falling edge of CONVST
and the track-and-hold also enters its hold mode at this time. If
the
CONVST high time is less than 4
µs, an internal timer,
initiated by the rising edge of
CONVST holds off the track-and-
hold and the initiation of conversion until the timer times out
(4
µs after the rising edge of CONVST, which corresponds with
the power-up time).
CONVST input remains low at the end of
conversion, thus causing the part to enter its power-down mode.
In this method of operation,
CONVST is normally low with a
high going pulse controlling the power-up and conversion starts.
The
CONVST pin should not be pulsed when reading from or
writing to the port.
Figure 17 shows the recommended minimum times for the
CONVST pulse when the temperature channel is selected.
Figure 18 shows the minimum times an analog input channel
is selected.
APPLICATIONS INFORMATION
SUPPLY DECOUPLING
The AD7416/AD7417/AD7418 should be decoupled with a
0.1
µF ceramic capacitor between V
DD and GND. This is
particularly important if the part is mounted remote from the
power supply.
POWER-ON-RESET
To ensure proper power-on-reset, make sure that the supply
voltage on the VDD pin is at 0 V. Refer to application note
AN-588 for more information. A failed power-on-reset can
prevent the default values from being loaded into the AD7416/
AD7417/AD7418 registers. If the correct values are not loaded
into the registers, then the device will not start operating. The
output from the value registers will be a constant value.
To get the device operating again, the registers will have to be
loaded with their default values via the I
2C bus. Therefore, in
the event of an inadequate power-on-reset and for all three
devices, the following registers should be loaded with their
default values:
Configuration Register 1—Default Value = 00h
Configuration Register 2—Default Value = 00h
THYST Setpoint Register—Default Value = 4B00h
TOTI Setpoint Register—Default Value = 5500h
MOUNTING THE AD7416
The AD7416/AD7417/AD7418 can be used for surface or air
temperature sensing applications. If the device is cemented to a
surface with thermally conductive adhesive, the die temperature
will be within about 0.2
°C of the surface temperature, thanks to
the device’s low power consumption. Care should be taken to
insulate the back and leads of the device from the air, if the
ambient air temperature is different from the surface tempera-
ture being measured.
The ground pin provides the best thermal path to the die, so the
temperature of the die will be close to that of the printed circuit
ground track. Care should be taken to ensure that this is in good
thermal contact with the surface being measured.
As with any IC, the AD7416/AD7417/AD7418 and its associ-
ated wiring and circuits must be kept free from moisture to
prevent leakage and corrosion, particularly in cold conditions
where condensation is more likely to occur. Water resistant
varnishes and conformal coatings can be used for protection.
The small size of the AD7416 package allows it to be mounted
inside sealed metal probes that provide a safe environment for
the device.


Similar Part No. - AD7418ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7418ARM AD-AD7418ARM Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7418ARM-REEL AD-AD7418ARM-REEL Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7418ARM-REEL7 AD-AD7418ARM-REEL7 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7418ARMZ AD-AD7418ARMZ Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7418ARMZ-REEL AD-AD7418ARMZ-REEL Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
More results

Similar Description - AD7418ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
logo
Texas Instruments
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com