Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR28-3771 Datasheet(PDF) 2 Page - Allied Components International

Part # AR28-3771
Description  2X8 RJ45 Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR28-3771 Datasheet(HTML) 2 Page - Allied Components International

  AR28-3771 Datasheet HTML 1Page - Allied Components International AR28-3771 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
10/22/12
1. Shield-
0.20mm THICKNESS BRASS C2680 H.
PLATING NICKEL 30u"-50u"
2. Housing-
Standard Material Nylon66, Glass filled
Polyester UL94V-0 Standard Color Black.
3. Insert Pin-
Plastic: PBT +30% GF, UL94V-0, Standard
Color Black.
Pin: 0.35mm Thickness Phos-Bronze C5210 EH.
Plating: Nickel 40u"-60u" for all and Sn 100%, and
30u” Gold Plating.
4. Contact Pin:
Nylon66, Glass Filled, UL94V-0,
Standard Color Black.
Pin: 0.35mm Thickness Phos-Bronze C2680.
Plating: Nickel 40u"-60u" for all and Sn 100%.
PCB LAYOUT
SCHEMATICS
2X8 RJ45 Connector
AR28-3771
NOTES
RoHS


Similar Part No. - AR28-3771

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR28-3768 ALLIED-AR28-3768 Datasheet
1Mb / 2P
   2X8 RJ45 Connector
More results

Similar Description - AR28-3771

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR28-3768 ALLIED-AR28-3768 Datasheet
1Mb / 2P
   2X8 RJ45 Connector
logo
Bothhand USA, LP.
DU8T20103 BOTHHAND-DU8T20103 Datasheet
411Kb / 4P
   10/100 Base-T RJ45 2x8 Integrated Magnetics Connector
DA8T001A3 BOTHHAND-DA8T001A3 Datasheet
409Kb / 4P
   10/100/1000 Base-T RJ45 2x8 Integrated Magnetics Connector
logo
JFW Industries, Inc.
50MS-342 JFW-50MS-342 Datasheet
92Kb / 1P
   2x8 MATRIX SWITCH
logo
XFMRS Inc.
XFATM8F-STACK16-4 XFMRS-XFATM8F-STACK16-4 Datasheet
119Kb / 2P
   2x8 STACKED COMBO
XFATM8E-STACK16-4 XFMRS-XFATM8E-STACK16-4 Datasheet
136Kb / 2P
   2x8 STACKED COMBO
XFATM13A-STACK16-4 XFMRS-XFATM13A-STACK16-4 Datasheet
63Kb / 2P
   2x8 STACKED COMBO
XFATM13B-STACK16-4 XFMRS-XFATM13B-STACK16-4 Datasheet
65Kb / 2P
   2x8 STACKED COMBO
XFATM8E-STACK2-4 XFMRS-XFATM8E-STACK2-4 Datasheet
110Kb / 2P
   2x8 STACKED COMBO
XFATM8F-STACK16-4 XFMRS-XFATM8F-STACK16-4 Datasheet
119Kb / 2P
   2x8 STACKED COMBO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com