Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD75004KN Datasheet(PDF) 3 Page - Analog Devices

Part # AD75004KN
Description  Quad 12-Bit D/A Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD75004KN Datasheet(HTML) 3 Page - Analog Devices

  AD75004KN Datasheet HTML 1Page - Analog Devices AD75004KN Datasheet HTML 2Page - Analog Devices AD75004KN Datasheet HTML 3Page - Analog Devices AD75004KN Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD75004
REV. A
–3–
TIMING CHARACTERISTICS1
(TA = +25 C,
12.0 V power supplies unless otherwise noted)
Parameter
Symbol
Min
Units
Address Setup Time
t1
30
ns
Address Hold Time
t2
10
ns
Data Setup Time
t3
10
ns
Data Hold Time
t4
45
ns
Chip Select to Write Setup Time
t5
0ns
Write to Chip Select Hold Time
t6
0ns
Write Pulse Width
t7
50
ns
NOTES
1Timing measurement reference level is 1.5 V.
Specifications subject to change without notice
ADDRESS INPUTS
(A0–A3)
DATA INPUTS
(D0–D7)
t 1
t 2
t 3
t
4
t 5
t 6
t 7
WRITE
(WR)
CHIP SELECT
(CS)
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
Min
Max
Units
Conditions
VDD to DGND
–0.3
+18
V
VSS to DGND
–18
+0.3
V
VDD to VSS
–0.3
+26.4
V
VREFIN to AGND
–0.3
VDD
V
Digital Inputs to DGND
–0.3
VDD
V
AGND to DGND
–0.3
+0.3
V
Short to AGND on Analog Outputs
Indefinite
sec
Power Dissipation
1.0
W
TA
≤ 75°C
Specification Temperature Range
0
+70
°C
Storage Temperature
–65
+150
°C
Lead Temperature
+300
°C
Soldering, 10 seconds
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
TRUTH TABLE
Control and Address Lines
CS
WR
A3
A2
A1
A0
Operation
1
X
X
X
X
X
No operation
X
1
X
X
X
X
No operation
0
0
0
0
A1* A0*
8 LSBs
→ one input latch
0
0
0
1
A1* A0*
4 MSBs
→ one input latch
0
0
1
0
A1* A0*
Update one DAC latch
0
0
1
1
X
X
Update all 4 DAC latches
NOTE
*The A1 and A0 inputs specify the relevant channel.
A1
A0
Channel
000
011
102
113
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD75004 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Option*
AD75004KN
0
°C to +70°C
N-24A
AD75004KP
0
°C to +70°C
P-28A
*N = Plastic DIP; P = Plastic Leaded Chip Carrier.


Similar Part No. - AD75004KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD75004 AD-AD75004_15 Datasheet
106Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
More results

Similar Description - AD75004KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD75004 AD-AD75004_15 Datasheet
106Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
AD390 AD-AD390 Datasheet
133Kb / 3P
   Quad 12-Bit Microprocessor-Compatible D/A Converter
REV. A
5962-8850902XA AD-5962-8850902XA Datasheet
1Mb / 3P
   Quad 12-Bit Microprocessor Compatible D/A Converter
REV. A
AD390 AD-AD390_17 Datasheet
1Mb / 4P
   Quad 12-Bit Microprocessor-Compatible D/A Converter
logo
Sipex Corporation
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
   Quad, 12-Bit, Voltage Output D/A Converter
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
AD390 AD-AD390_15 Datasheet
1Mb / 3P
   QUAD 12 BIT MICROPROCESSOR COMPATIBLE D/A CONVERTER
REV. A
5962-8850902XA AD-5962-8850902XA Datasheet
1Mb / 3P
   Quad 12-Bit Microprocessor - Compatible D/A Converter
REV. A
AD394 AD-AD394 Datasheet
605Kb / 8P
   uP Compatible Multiplying Quad 12-Bit D/A Converter
AD394KD AD-AD394KD Datasheet
626Kb / 12P
   Up-Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com