Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD44E3 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJD44E3
Description  NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD44E3 Datasheet(HTML) 2 Page - Motorola, Inc

  MJD44E3 Datasheet HTML 1Page - Motorola, Inc MJD44E3 Datasheet HTML 2Page - Motorola, Inc MJD44E3 Datasheet HTML 3Page - Motorola, Inc MJD44E3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJD44E3
2
Motorola Bipolar Power Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector Cutoff Current
(VCE = Rated VCEO, VBE = 0)
ICES
10
µA
Emitter Cutoff Current
(VEB = 7 Vdc)
IEBO
1
µA
ON CHARACTERISTICS
Collector–Emitter Saturation Voltage
(IC = 5 Adc, IB = 10 mAdc)
(IC = 10 Adc, IB = 20 mAdc)
VCE(sat)
1.5
2
Vdc
Base–Emitter Saturation Voltage
(IC = 5 Adc, IB = 10 mAdc)
VBE(sat)
2.5
Vdc
DC Current Gain
(VCE = 5 Vdc, IC = 5 Adc)
hFE
1000
DYNAMIC CHARACTERISTICS
Collector Capacitance
(VCB = 10 Vdc, ftest = 1 MHz)
Ccb
130
pF
SWITCHING TIMES
Delay and Rise Times
(IC = 10 Adc, IB1 = 20 mAdc)
td + tr
0.6
µs
Storage Time
(IC = 10 Adc, IB1 = IB2 = 20 mAdc)
ts
2
µs
Fall Time
(IC = 10 Adc, IB1 = IB2 = 20 mAdc)
tf
0.5
µs
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
3
5
10
20
100
5
2
1
0.2
0.1
0.5
50
230
1
Figure 1. Maximum Forward Bias
Safe Operating Area
Figure 2. Power Derating
TC
TA
SURFACE
MOUNT
TC = 25°C SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
25
25
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
2.5
0
2
1.5
1
0.5
TA TC
0.3
3
100
µs
1 ms
5 ms


Similar Part No. - MJD44E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44E3 ONSEMI-MJD44E3 Datasheet
50Kb / 3P
   Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS, 20 WATTS
December, 2005 ??Rev. 4
logo
Continental Device Indi...
MJD44E3 CDIL-MJD44E3 Datasheet
96Kb / 5P
   NPN DARLINGTON PLASTIC POWER TRANSISTOR
logo
Inchange Semiconductor ...
MJD44E3 ISC-MJD44E3 Datasheet
309Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MJD44E3T4 ONSEMI-MJD44E3T4 Datasheet
50Kb / 3P
   Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS, 20 WATTS
December, 2005 ??Rev. 4
MJD44E3T4G ONSEMI-MJD44E3T4G Datasheet
50Kb / 3P
   Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS, 20 WATTS
December, 2005 ??Rev. 4
More results

Similar Description - MJD44E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44E3 ONSEMI-MJD44E3 Datasheet
50Kb / 3P
   Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS, 20 WATTS
December, 2005 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
BUT33 MOTOROLA-BUT33 Datasheet
284Kb / 8P
   56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
logo
ON Semiconductor
BUT33 ONSEMI-BUT33 Datasheet
284Kb / 8P
   56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
1995 REV 7
logo
Motorola, Inc
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
   50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
BUV11 MOTOROLA-BUV11 Datasheet
138Kb / 4P
   20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_06 Datasheet
79Kb / 6P
   Plastic Medium?뭁ower Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS, 60 ??80 VOLTS
August, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com