Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7468 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7468
Description  1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7468 Datasheet(HTML) 1 Page - Analog Devices

  AD7468 Datasheet HTML 1Page - Analog Devices AD7468 Datasheet HTML 2Page - Analog Devices AD7468 Datasheet HTML 3Page - Analog Devices AD7468 Datasheet HTML 4Page - Analog Devices AD7468 Datasheet HTML 5Page - Analog Devices AD7468 Datasheet HTML 6Page - Analog Devices AD7468 Datasheet HTML 7Page - Analog Devices AD7468 Datasheet HTML 8Page - Analog Devices AD7468 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AD7466/AD7467/AD7468
a
REV. PrC
07/01
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
Analog Devices, Inc., 2001
1.8 V, Micro-Power,
8/10/12-Bit ADCs in 6 Lead SOT-23
Preliminary Technical Data
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Specified for VDD of 1.8 V to 3.6 V
Low Power:
0.9 mW max at 60 kSPS with 3.6 V Supplies
0.4 mW max at 100 kSPS with 1.8 V Supplies
Fast Throughput Rate: 100 kSPS
Wide Input Bandwidth:
70dB SNR at 30 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface
SPI/QSPI/
µµµµµWire/DSP Compatible
Standby Mode: 0.5 µA max
6-Lead SOT-23 Package and 8 lead
µµµµµSOIC
APPLICATIONS
Battery Powered Systems
Medical Instruments
Ramote Data Acquisition
Isolated Data Acquisition
GENERAL DESCRIPTION
The AD7466/AD7467/AD7468 are 12/10/8-bit, high
speed, low power, successive-approximation ADCs re-
spectively. The parts operate from a single 1.8 V to 3.6 V
power supply and feature throughput rates up to 100
kSPS. The parts contain a low-noise, wide bandwidth
track/hold amplifier which can handle input frequencies in
excess of 100 kHz.
The conversion process and data acquisition are controlled
using
CS and the serial clock, allowing the devices to
interface with microprocessors or DSPs. The input signal
is sampled on the falling edge of
CS and the conversion is
also initiated at this point. There are no pipelined delays
associated with the part.
The AD7466/AD7467/AD7468 use advanced design tech-
niques to achieve very low power dissipation at high
throughput rates.
The reference for the part is taken internally from VDD.
This allows the widest dynamic input range to the ADC.
Thus the analog input range for the part is 0 to VDD. The
conversion rate is determined by the SCLK.
PRODUCT HIGHLIGHTS
1. Specified for Supply voltages of 1.8 V to 3.6 V
2. 8/10/12-Bit ADCs in a SOT-23 package.
3. High Throughput with Low Power Consumption
4 . Flexible Power/Serial Clock Speed Management
The conversion rate is determined by the serial clock
allowing the conversion time to be reduced through the
serial clock speed increase. Automatic power down after
conversion, which allows the average power cunsumption
to be reduced when in powerdown. Power consumption
is 0.5
µA max when in powerdown.
5. Reference derived from the power supply.
6. No Pipeline Delay
The part features a standard successive-approximation
ADC with accurate control of the conversions via a
CS
input.
T/H
VIN
AD7466/67/68
VDD
12/10/8-BIT
SUCCESSIVE
APPROXIMATION
ADC
SCLK
CONTROL LOGIC
SDATA
CS
GND
pecifications


Similar Part No. - AD7468

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7468 AD-AD7468 Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468BRM AD-AD7468BRM Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468BRM-REEL AD-AD7468BRM-REEL Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468BRM-REEL7 AD-AD7468BRM-REEL7 Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468BRMZ AD-AD7468BRMZ Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
More results

Similar Description - AD7468

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476 Datasheet
360Kb / 20P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
REV. D
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com