Electronic Components Datasheet Search |
|
A1101R08C Datasheet(PDF) 2 Page - Anaren Microwave |
|
A1101R08C Datasheet(HTML) 2 Page - Anaren Microwave |
2 / 2 page Anaren, Inc. / 6635 Kirkville Road / East Syracuse, NY 13057 800.411.6596 / http://www.anaren.com / air@anaren.com PRELIMINARY Product overview Nomenclature Caution! ESD sensitive device. Precautions should be used when handling the device in order to prevent permanent damage. The A1101R08C is a high-performance, ETSI compliant connectorized radio module that incor- porates the Texas Instruments CC1101 trans- ceiver chip in the industry’s smallest package (9 x 12 x 2.5mm) and is compatible with all TI- approved software stacks. With an LGA pad footprint and industry-standard U.FL button connector receptacle, this module is designed to effortlessly integrate into a wide range of applications, including: industrial control, building automation, low-power wireless sensor networks, lighting control, and automated meter reading. The A1101R08C has an RoHS-compliant ENIG finish and is packaged on tape and reel for high- volume automated manufacturing. Footprint Pin diagram A (Anaren) 1 Chip series (1101, 2500) 2 Function (R = radio only) 3 Frequency band (x100MHz) 4 Form factor (A = Internal Antenna, C = Connector) 5 Design ID (00 = Default) 6 Application (G = General) 7 Packaging (R = Tape/Reel, M = Matrix Tray) 1104a Top 2 pads optional for compatibility with other modules. Refer to User’s Manual for additional layout guidelines. Dimensions in mm. DNC = Do Not Connect |
Similar Part No. - A1101R08C |
|
Similar Description - A1101R08C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |