Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOB10B60D Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOB10B60D
Description  600V, 10A Alpha IGBT with Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB10B60D Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOB10B60D Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 7Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 8Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AOB10B60D
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
I
C (A)
Figure 17: Switching Loss vs. I
C
(T
j=150°C,V GE=15V,VCE=400V,Rg=30Ω
Ω)
Eoff
Eon
Etotal
0.0
0.3
0.6
0.9
1.2
1.5
0
100
200
300
400
R
g (Ω
Ω)
Figure 18: Switching Loss vs. R
g
(T
j=150°C,V GE=15V,VCE=400V,IC=10A)
Eoff
Eon
Etotal
0.2
0.4
0.6
0.8
Eoff
Eon
Etotal
0.2
0.4
0.6
0.8
1.0
Eoff
Eon
Etotal
0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
I
C (A)
Figure 17: Switching Loss vs. I
C
(T
j=150°C,V GE=15V,VCE=400V,Rg=30Ω
Ω)
Eoff
Eon
Etotal
0.0
0.3
0.6
0.9
1.2
1.5
0
100
200
300
400
R
g (Ω
Ω)
Figure 18: Switching Loss vs. R
g
(T
j=150°C,V GE=15V,VCE=400V,IC=10A)
Eoff
Eon
Etotal
0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
150
175
T
J (°C)
Figure 19: Switching Loss vs. T
j
(V
GE=15V,VCE=400V,IC=10A,Rg=30Ω
Ω)
Eoff
Eon
Etotal
0.0
0.2
0.4
0.6
0.8
1.0
200
250
300
350
400
450
500
V
CE (V)
Figure 20: Switching Loss vs. V
CE
(T
j=150°C,V GE=15V,IC=10A,Rg=30Ω
Ω)
Eoff
Eon
Etotal
Rev0: July 2012
www.aosmd.com
Page 6 of 9


Similar Part No. - AOB10B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB10B65M1 AOSMD-AOB10B65M1 Datasheet
100Kb / 3P
   This AOS product reliability report summarizes the qualification result for AOB10B65M1
More results

Similar Description - AOB10B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10B60D AOSMD-AOT10B60D Datasheet
646Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOK10B60D AOSMD-AOK10B60D Datasheet
651Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOTF10B60D2 AOSMD-AOTF10B60D2 Datasheet
727Kb / 9P
   600V, 10A Alpha IGBT TM with Diode
AOB5B60D AOSMD-AOB5B60D Datasheet
598Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOB15B60D AOSMD-AOB15B60D Datasheet
606Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOK15B60D AOSMD-AOK15B60D Datasheet
663Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOD5B60D AOSMD-AOD5B60D Datasheet
686Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOTF15B60D AOSMD-AOTF15B60D Datasheet
664Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOTF5B60D AOSMD-AOTF5B60D Datasheet
659Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOT5B60D AOSMD-AOT5B60D Datasheet
643Kb / 9P
   600V, 5A Alpha IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com