Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOB10B60D Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB10B60D
Description  600V, 10A Alpha IGBT with Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB10B60D Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB10B60D Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 7Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 8Page - Alpha & Omega Semiconductors AOB10B60D Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AOB10B60D
600V, 10A Alpha IGBT
TM with Diode
General Description
Product Summary
VCE
IC (TC=100°C)
10A
VCE(sat) (TC=25°C)
1.53V
Symbol
V
The Alpha IGBT
TM line of products offers best-in-class
performance in conduction and switching losses, with
robust short circuit capability. They are designed for ease
of paralleling, minimal gate spike under high dV/dt
conditions and resistance to oscillations. The soft co-
package diode is targeted for minimal losses in motor
control applications.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
AOB10B60D
600V
Collector-Emitter Voltage
600
G
C
E
Top View
AOB10B60D
TO-263
D2PAK
C
E
G
V CE
V GE
I CM
I LM
Diode Pulsed Current, Limited by TJmax
I FM
t SC
T J , T STG
T L
Symbol
R θ JA
R θ JC
R θ JC
°C/W
1.7
Maximum Diode Junction-to-Case
°C/W
0.92
Maximum IGBT Junction-to-Case
V
Collector-Emitter Voltage
600
Maximum Junction-to-Ambient
10
µs
TC=100°C
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
°C
Power Dissipation
P D
Short circuit withstanding time VGE = 15V, VCE
≤ 400V, Delay between short circuits ≥ 1.0s,
TC=150°C
Junction and Storage Temperature Range
TC=25°C
Thermal Characteristics
300
-55 to 150
163
40
°C/W
65
82
°C
40
AOB10B60D
Pulsed Collector Current, Limited by TJmax
Gate-Emitter Voltage
TC=100°C
W
Units
A
A
Parameter
±20
V
40
A
A
Continuous Diode
Forward Current
TC=25°C
I F
20
A
TC=100°C
Continuous Collector
Current
TC=25°C
10
20
10
I C
Turn off SOA, VCE ≤ 600V, Limited by TJmax
G
C
E
Top View
AOB10B60D
TO-263
D2PAK
C
E
G
Rev0: July 2012
www.aosmd.com
Page 1 of 9


Similar Part No. - AOB10B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB10B65M1 AOSMD-AOB10B65M1 Datasheet
100Kb / 3P
   This AOS product reliability report summarizes the qualification result for AOB10B65M1
More results

Similar Description - AOB10B60D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10B60D AOSMD-AOT10B60D Datasheet
646Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOK10B60D AOSMD-AOK10B60D Datasheet
651Kb / 9P
   600V, 10A Alpha IGBT with Diode
AOTF10B60D2 AOSMD-AOTF10B60D2 Datasheet
727Kb / 9P
   600V, 10A Alpha IGBT TM with Diode
AOB5B60D AOSMD-AOB5B60D Datasheet
598Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOB15B60D AOSMD-AOB15B60D Datasheet
606Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOK15B60D AOSMD-AOK15B60D Datasheet
663Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOD5B60D AOSMD-AOD5B60D Datasheet
686Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOTF15B60D AOSMD-AOTF15B60D Datasheet
664Kb / 9P
   600V, 15A Alpha IGBT with Diode
AOTF5B60D AOSMD-AOTF5B60D Datasheet
659Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOT5B60D AOSMD-AOT5B60D Datasheet
643Kb / 9P
   600V, 5A Alpha IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com