Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR14-3681 Datasheet(PDF) 2 Page - Allied Components International

Part # AR14-3681
Description  1X4 RJ45 Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR14-3681 Datasheet(HTML) 2 Page - Allied Components International

  AR14-3681 Datasheet HTML 1Page - Allied Components International AR14-3681 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
01/27/12
1. Shield-
0.25mm THICKNESS BRASS C2680 H.
PLATING NICKEL 30u"-50u"
2. Housing-
Standard Material Nylon 66, Glass filled
Polyester UL94V-0 Standard Color Black.
3. RJ Terminal- Plastic: PBT UL94V-0, Standard
Color Black.
Pin: 0.35mm Thickness Phos-Bronze C5210 EH.
Plating: Nickel 40u"-60u" for all and Sn 100%, and
6u” Gold Plating.
4. Input Terminal- Plastic: PBT, Glass Filled, UL94V-0,
Standard Color Black.
Pin: 0.35mm SUS430.
Plating: Nickel 40u"-60u" for all and Sn 100%.
PCB LAYOUT
SCHEMATICS
1X4 RJ45 Connector
AR14-3681
NOTES


Similar Part No. - AR14-3681

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR14-3680 ALLIED-AR14-3680 Datasheet
3Mb / 2P
   1X4 RJ45 Connector
AR14-3682 ALLIED-AR14-3682 Datasheet
716Kb / 2P
   1X4 RJ45 Connector
AR14-3683 ALLIED-AR14-3683 Datasheet
702Kb / 2P
   1X4 RJ45 Connector
More results

Similar Description - AR14-3681

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR14-3759I ALLIED-AR14-3759I Datasheet
392Kb / 2P
   1X4 RJ45 Connector
AR14-3636 ALLIED-AR14-3636 Datasheet
690Kb / 2P
   1X4 RJ45 Connector
AR14-3680 ALLIED-AR14-3680 Datasheet
3Mb / 2P
   1X4 RJ45 Connector
AR14-3637 ALLIED-AR14-3637 Datasheet
4Mb / 2P
   1X4 RJ45 Connector
AR14-3756I ALLIED-AR14-3756I Datasheet
388Kb / 2P
   1X4 RJ45 Connector
AR14-3638 ALLIED-AR14-3638 Datasheet
3Mb / 2P
   1X4 RJ45 Connector
AR14-3638I ALLIED-AR14-3638I Datasheet
3Mb / 2P
   1X4 RJ45 Connector
AR14-3683 ALLIED-AR14-3683 Datasheet
702Kb / 2P
   1X4 RJ45 Connector
AR14-3692 ALLIED-AR14-3692 Datasheet
624Kb / 2P
   1X4 RJ45 Connector
AR14-3639 ALLIED-AR14-3639 Datasheet
766Kb / 2P
   1X4 RJ45 Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com