Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR11-3716 Datasheet(PDF) 2 Page - Allied Components International

Part # AR11-3716
Description  Single Port RJ45 Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR11-3716 Datasheet(HTML) 2 Page - Allied Components International

  AR11-3716 Datasheet HTML 1Page - Allied Components International AR11-3716 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
12/03/12
1. Shield-
0.20mm THICKNESS BRASS C2680 H.
PLATING NICKEL 30u"-50u"
2. Housing-
Standard Material Nylon66, Glass filled
Polyester UL94V-0 Standard Color Black.
3. RJ Terminal- Plastic: Nylon66, GF UL94V-0, Standard
Color Black.
Pin: 0.35mm Thickness Phos-Bronze C5210 EH.
Plating: Nickel 40u"-60u" for all and Sn 100%, and
15u” Gold Plating.
4. Input Terminal: Plastic: PBT, Glass Filled, UL94V-0,
Standard Color Black.
Pin: 0.35mm Thickness Phos-Bronze SUS430.
Plating: Nickel 40u"-60u" for all and Sn 100%.
PCB LAYOUT
SCHEMATICS
Single Port RJ45 Connector
AR11-3716
NOTES
RoHS
Standard LED Wavelength
Foward*V(Max)
TYP
Wavelength
Green
565nm
2.5v
2.2v
605nm
Yellow
565nm
2.5v
2.1v
591nm
With a forward current of 20mA


Similar Part No. - AR11-3716

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-3716I ALLIED-AR11-3716I Datasheet
548Kb / 2P
   Single Port RJ45 Connector
More results

Similar Description - AR11-3716

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-3664 ALLIED-AR11-3664 Datasheet
426Kb / 2P
   Single Port RJ45 Connector
AR11-3686I ALLIED-AR11-3686I Datasheet
412Kb / 2P
   Single Port RJ45 Connector
AR11-3691I ALLIED-AR11-3691I Datasheet
357Kb / 2P
   Single Port RJ45 Connector
AR11-3717 ALLIED-AR11-3717 Datasheet
443Kb / 2P
   Single Port RJ45 Connector
AR11-3725 ALLIED-AR11-3725 Datasheet
550Kb / 2P
   Single Port RJ45 Connector
AR11-3743 ALLIED-AR11-3743 Datasheet
388Kb / 2P
   Single Port RJ45 Connector
AR11-3757I ALLIED-AR11-3757I Datasheet
424Kb / 2P
   Single Port RJ45 Connector
AR11-3716I ALLIED-AR11-3716I Datasheet
548Kb / 2P
   Single Port RJ45 Connector
AR11-3705I ALLIED-AR11-3705I Datasheet
722Kb / 3P
   Single Port RJ45 Connector
AR11-3723 ALLIED-AR11-3723 Datasheet
461Kb / 2P
   Single Port RJ45 Connector
AR11-3786I ALLIED-AR11-3786I Datasheet
467Kb / 2P
   Single Port RJ45 Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com