Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD734AQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD734AQ
Description  10 MHz, 4-Quadrant Multiplier/Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734AQ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD734AQ Datasheet HTML 4Page - Analog Devices AD734AQ Datasheet HTML 5Page - Analog Devices AD734AQ Datasheet HTML 6Page - Analog Devices AD734AQ Datasheet HTML 7Page - Analog Devices AD734AQ Datasheet HTML 8Page - Analog Devices AD734AQ Datasheet HTML 9Page - Analog Devices AD734AQ Datasheet HTML 10Page - Analog Devices AD734AQ Datasheet HTML 11Page - Analog Devices AD734AQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD734
–8–
REV. C
(10V)
W =
(Z2 – Z1)+ S
S
OPTIONAL
SUMMING
INPUT
10V FS
Z INPUT
+10mV TO
+10V
D
1
2
3
4
5
6
7
10
8
9
11
13
12
14
W
ER
VN
VP
DD
Z1
Z2
X1
X2
U1
U2
U0
Y1
Y2
AD734
NC
NC
0.1 F
0.1 F
+15V
–15V
L
L
L
Figure 9. Connection for Square Rooting
Connections for Square-Rooting
The AD734 may be used to generate an output proportional to
the square-root of an input using the connections shown in
Figure 9. Feedback is now via both the X and Y inputs, and is
always negative because of the reversed-polarity between these
two inputs. The Z input must have the polarity shown, but
because it is applied to a differential port, either polarity of
input can be accepted with reversal of Z1 and Z2, if necessary.
The diode D, which can be any small-signal type (1N4148
being suitable) is included to prevent a latching condition which
could occur if the input momentarily was of the incorrect
polarity of the input, the output will be always negative.
Note that the loading on the output side of the diode will be
provided by the 25 k
Ω of input resistance at X1 and Y2, and by
the user’s load. In high speed applications it may be beneficial
to include further loading at the output (to 1 k
Ω minimum) to
speed up response time. As in previous applications, a further
signal, shown here as S, may be summed to the output; if this
option is not used, this node should be connected to the load
ground.
DIVISION BY DIRECT DENOMINATOR CONTROL
The AD734 may be used as an analog divider by directly vary-
ing the denominator voltage. In addition to providing much
higher accuracy and bandwidth, this mode also provides greater
flexibility, because all inputs remain available. Figure 10 shows
the connections for the general case of a three-input multiplier
divider, providing the function
W
=
X
1 − X 2
() Y
1 − Y 2
()
U
1 − U 2
()
+ Z
2,
(11)
where the X, Y, and Z signals may all be positive or negative,
but the difference U = U1 – U2 must be positive and in the
range +10 mV to +10 V. If a negative denominator voltage must
be used, simply ground the noninverting input of the op amp.
As previously noted, the X input must have a magnitude of less
than 1.25U.
2M
X – INPUT
Y – INPUT
U – INPUT
1
2
3
4
5
6
7
10
8
9
11
13
12
14
W
ER
VN
VP
DD
Z1
Z2
X1
X2
U1
U2
U0
Y1
Y2
AD734
NC
LOAD
GROUND
0.1 F
0.1 F
+15V
–15V
OPTIONAL
SUMMING INPUT
10V FS
W =
(X1 – X2) (Y1 – Y2)
+ Z2
U1 – U2
L
L
Z2
U1
U2
Figure 10. Three-Variable Multiplier/Divider Using Direct
Denominator Control
This connection scheme may also be viewed as a variable-gain
element, whose output, in response to a signal at the X input, is
controllable by both the Y input (for attenuation, using Y less
than U) and the U input (for amplification, using U less than
Y). The ac performance is shown in Figure 11; for these results,
Y was maintained at a constant 10 V. At U = 10 V, the gain is
unity and the circuit bandwidth is a full 10 MHz. At U = 1 V,
the gain is 20 dB and the bandwidth is essentially unaltered. At
U = 100 mV, the gain is 40 dB and the bandwidth is 2 MHz.
Finally, at U = 10 mV, the gain is 60 dB and the bandwidth is
250 kHz, corresponding to a 250 MHz gain-bandwidth product.
70
60
50
40
30
20
10
0
10k
100k
1M
10M
FREQUENCY – Hz
U = 10mV
U = 100mV
U = 1V
U = 10V
Figure 11. Three-Variable Multiplier/Divider Performance
The 2 M
Ω resistor is included to improve the accuracy of the
gain for small denominator voltages. At high gains, the X input
offset voltage can cause a significant output offset voltage. To
eliminate this problem, a low-pass feedback path can be used
from W to X2; see Figure 13 for details.
Where a numerator of 10 V is needed, to implement a two-
quadrant divider with fixed scaling, the connections shown in
Figure 12 may be used. The reference voltage output appearing
between Pin 9 (ER) and Pin 8 (VN) is amplified and buffered
by the second op amp, to impose 10 V across the Y1/Y2 input.
Note that Y2 is connected to the negative supply in this applica-
tion. This is permissible because the common-mode voltage is
still high enough to meet the internal requirements. The transfer
function is
W
= 10 V
X
1 − X 2
U
1 − U 2


+ Z
2 .
(12)
The ac performance of this circuit remains as shown in Figure 11.
100k
SCALE
ADJUST
200k
10V
W =
(X1– X2)
+ Z
2
U1–U2
OP AMP = AD712 DUAL
2M
X – INPUT
U – INPUT
1
2
3
4
5
6
7
10
8
9
11
13
12
14
W
ER
VN
VP
DD
Z1
Z2
X1
X2
U1
U2
U0
Y1
Y2
AD734
L
LOAD
GROUND
0.1 F
0.1 F
+15V
–15V
OPTIONAL
SUMMING
INPUT
10V FS
L
Z
2
U
1
U
2
Figure 12. Two-Quadrant Divider with Fixed 10 V Scaling


Similar Part No. - AD734AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734AQ AD-AD734AQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
More results

Similar Description - AD734AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD835 AD-AD835_15 Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835 Datasheet
200Kb / 8P
   250 MHz, Voltage Output 4-Quadrant Multiplier
REV. A
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com