Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AR1USB2-3785 Datasheet(PDF) 2 Page - Allied Components International

Part No. AR1USB2-3785
Description  Single Port RJ45 & Dual Port USB Combo
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLIED [Allied Components International]
Homepage  http://www.alliedcomponents.com
Logo 

AR1USB2-3785 Datasheet(HTML) 2 Page - Allied Components International

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
10/30/12
1. Shield-
0.20mm THICKNESS BRASS C2680 H.
PLATING NICKEL 30u"-50u"
2. Housing-
Standard Material Nylon66, Glass filled
Polyester UL94V-0 Standard Color Black.
3. Insert Pin-
Plastic: Nylon 66 G.F, UL94V-0, Standard Color Black.
Pin: 0.35mm Thickness Phos-Bronze C5210 EH.
Plating: Nickel 40u”~60u”, for all and Sn100%, and 3u” Gold Plating.
4. Contact Pin-
Plastic: Nylon 66, Glass Filled, UL94V-0,
Standard Color Black.
Pin: 0.35mm Thickness SUS430.
Plating: Nickel 40u"-60u" for all and Sn 100%.
Type G36
1
1
2
1
13
14
10
9
2
1
1
5
8
4
+11, -12
-11, +12
+13, -14
-13, +14
A
Green
-
Yellow
-
B
Yellow
-
Green
-
C
Green
-
Green
-
D
-
Green
-
Yellow
E
-
Yellow
-
Green
F
Yellow
-
Orange
Green
G
Orange
Green
Yellow
-
H
Green
Yellow
Green
-
I
Green
Orange
Yellow
-
J
Green
Yellow
Green
Yellow
K
Green
-
Green
Yellow
L
Yellow
-
Green
Orange
M
Green
Orange
Green
-
Left LED
Right LED
LED Code
LED Schematic Code:
F
(See chart below)
PCB LAYOUT
SCHEMATICS
NOTES
Single Port RJ45 & Dual Port USB Combo
AR1USB2-3785
0.20mm SUS301


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn