Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AR1USB2-3785 Datasheet(PDF) 1 Page - Allied Components International

Part No. AR1USB2-3785
Description  Single Port RJ45 & Dual Port USB Combo
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLIED [Allied Components International]
Homepage  http://www.alliedcomponents.com
Logo 

AR1USB2-3785 Datasheet(HTML) 1 Page - Allied Components International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
10/30/12
All specifications subject to change without notice.
MECHANICAL
Single Port RJ45 & Dual Port USB Combo
AR1USB2-3785
10/100/1000 Base T Gigabit Ethernet Application
Dual USB 2.0
Standard Operating Temp: 0ºC to 70ºC
Contact Factory for Industrial Temp.
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.1V (2-3) & (13-16)
Turns Ratio
chip: cable
( ± 5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
30MHz
50MHz
AR1USB2-3785
350
1CT:1CT
-1.0
-18
-15
80MHz
-12
Electrical Specifications @ 25°C
Part
Number
Cross Talk
(dB Min)
CMR
(dB Min)
HI-POT
(Vrms)
60MHz
100MHz
-38
-38
1500
30MHz
-38
60MHz
100MHz
-40
-40
30MHz
-40
1.0mA/3Sec.
AR1USB2-3785
Right LED
Left LED


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn