Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD734 Datasheet(PDF) 3 Page - Analog Devices

Part # AD734
Description  10 MHz, 4-Quadrant Multiplier/Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734 Datasheet(HTML) 3 Page - Analog Devices

  AD734 Datasheet HTML 1Page - Analog Devices AD734 Datasheet HTML 2Page - Analog Devices AD734 Datasheet HTML 3Page - Analog Devices AD734 Datasheet HTML 4Page - Analog Devices AD734 Datasheet HTML 5Page - Analog Devices AD734 Datasheet HTML 6Page - Analog Devices AD734 Datasheet HTML 7Page - Analog Devices AD734 Datasheet HTML 8Page - Analog Devices AD734 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD734
–3–
REV. C
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation2
for TJ max = 175°C . . . . . . . . . . . . . . . . . . . . . . . . 500 mW
X, Y and Z Input Voltages . . . . . . . . . . . . . . . . . . . . VN to VP
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
Q . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD734A, B (Industrial) . . . . . . . . . . . . . . . –40
°C to +85°C
AD734S (Military) . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (soldering 60 sec) . . . . . . . . +300
°C
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied.
214-Lead Ceramic DIP:
θ
JA = 110
°C/W.
CHIP DIMENSIONS & BONDING DIAGRAM
Dimensions shown in inches and (mm).
(Contact factory for latest dimensions.)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD734AN
–40
°C to +85°C
Plastic DIP
N-14
AD734BN
–40
°C to +85°C
Plastic DIP
N-14
AD734AQ
–40
°C to +85°C
Cerdip
Q-14
AD734BQ
–40
°C to +85°C
Cerdip
Q-14
AD734SQ/883B –55
°C to +125°C Cerdip
Q-14
AD734SCHIPS
–55
°C to +125°CDie


Similar Part No. - AD734

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411BB-40 AD-AD73411BB-40 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411BB-80 AD-AD73411BB-80 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD7341 AD-AD7341_15 Datasheet
5Mb / 16P
   LC MOS VOICEVAND RECONSTRUCTION AND ANTIALIASING FILTER SET
REV. A
More results

Similar Description - AD734

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD835 AD-AD835_15 Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835 Datasheet
200Kb / 8P
   250 MHz, Voltage Output 4-Quadrant Multiplier
REV. A
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com