Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15006BASA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15006BASA+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006BASA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15006BASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX15006BASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX15006BASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX15006BASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX15006BASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX15006BASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX15006BASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX15006BASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX15006BASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
Maxim Integrated
3
MAX15006/MAX15007
Note 2: Limits at TA = -40°C are guaranteed by design.
Note 3: Output voltage regulation is guaranteed for IOUT
≥ 5μA.
Note 4: Dropout voltage is defined as (VIN - VOUT) when VOUT is 2% below the value of VOUT when VIN = VOUT + 3V.
Note 5: For VOUT = 3.3V, the 700mV dropout indicates VOUT does not reach 2% below VOUT at VIN = VOUT + 3V at minimum 4V
input voltage.
Note 6: Enable to regulation time is the time the output takes to reach 95% of its final value with VIN = 14V and EN is taken from VIL
to VIH in 5ns.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, IOUT = 1mA, CIN = 0.1μF, COUT = 2.2μF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical specifications are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REGULATOR
VIN
VOUT + VDO
50
Guaranteed Output Current
IOUT
VIN
VOUT + VDO (MAX15006D only)
60
mA
MAX15006A/D, MAX15007A
3.25
3.3
3.35
MAX15006B/MAX15007B
4.925
5.0
5.075
Output Voltage (Note 3)
VOUT
IOUT = 1mA
MAX15006C/MAX15007C
1.8
10
V
IOUT = 5mA, MAX15006B/MAX15007B
30
53
IOUT = 5mA, MAX15006C/MAX15007C
30
60
IOUT = 50mA, MAX15006B/MAX15007B
300
525
IOUT = 50mA, MAX15006C/MAX15007C
300
600
IOUT = 50mA, MAX15006A/MAX15007A
1000
Dropout Voltage (Notes 4, 5)
VDO
IOUT = 60mA, MAX15006D
1000
mV
Line Regulation
6V
VIN
35V, IOUT = 1mA
0.25
%
VIN = VOUT + 3V, IOUT = 100μA to 50mA
0.7
1.5
Load Regulation
VIN = VOUT + 3V, IOUT = 100μA to 60mA
(MAX15006D)
0.7
1.5
%
Output Current Limit
80
350
mA
VOUT = 3.3V
115
Output Voltage Noise
100Hz to 100kHz, IOUT =
50mA, COUT = 2.2μF
VOUT = 5V
179
μVRMS
Power-Supply Rejection Ratio
PSRR
f = 100Hz, VIN_RIPPLE = 500mVP-P, IOUT = 50mA
66
dB
FB Threshold Voltage
VFB
ILOAD = 1mA (MAX15006C/MAX15007C only)
1.2
1.23
1.26
V
FB Input Current
IFB
VFB = 0V, 1.5V (MAX15006C/MAX15007C only)
-100
+100
nA
ENABLE LOGIC
VIL
0.4
Enable Threshold Voltage
VIH
1.4
V
Enable Threshold Hysteresis
60
mV
Enable Pulldown Current
Internally pulled down to GND
0.5
μA
Enable to Regulation Time
(Note 6)
0.4
2
ms
THERMAL SHUTDOWN
Thermal Shutdown
TSHDN
Junction temperature rising
+165
°C
Thermal Shutdown Hysteresis
THYST
20
°C


Similar Part No. - MAX15006BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006BASA++ MAXIM-MAX15006BASA+ Datasheet
313Kb / 15P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 0; 10/06
MAX15006BASA++ MAXIM-MAX15006BASA+ Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
More results

Similar Description - MAX15006BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006 Datasheet
313Kb / 15P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 0; 10/06
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com