Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73360L Datasheet(PDF) 31 Page - Analog Devices

Part # AD73360L
Description  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360L Datasheet(HTML) 31 Page - Analog Devices

Back Button AD73360L Datasheet HTML 24Page - Analog Devices AD73360L Datasheet HTML 25Page - Analog Devices AD73360L Datasheet HTML 26Page - Analog Devices AD73360L Datasheet HTML 27Page - Analog Devices AD73360L Datasheet HTML 28Page - Analog Devices AD73360L Datasheet HTML 29Page - Analog Devices AD73360L Datasheet HTML 30Page - Analog Devices AD73360L Datasheet HTML 31Page - Analog Devices AD73360L Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
REV. 0
AD73360L
–31–
APPENDIX E
HISTOGRAMS OF SNR RESULTS
THD – dB
–83
–81
–79
fS = 8kHz
fIN = 1kHz
SCLK = 8MHz
–82
–80
–78
Figure 36. fS = 8 kHz, fIN = 1 kHz, SCLK = 8 MHz
SNR – dB
76
77
78
fS = 8kHz
fIN = 1kHz
SCLK = 8MHz
76.5
77.5
78.5
Figure 37. fS = 8 kHz, fIN = 1 kHz, SCLK = 8 MHz
SNR – dB
58.5
59.5
fS = 64kHz
fIN = 1kHz
SCLK = 8MHz
BW = dc TO 4kHz
58
59
60
Figure 38. fS = 64 kHz, fIN = 1 kHz, SCLK = 8 MHz,
Gain = 38 dB
THD – dB
–84
–82
–81
fS = 8kHz
fIN = 1kHz
SCLK = 16MHz
–83
–80
–79
Figure 39. fS = 8 kHz, fIN = 1 kHz, SCLK = 16 MHz
SNR – dB
74.5
75.5
76.5
fS = 8kHz
fIN = 1kHz
SCLK = 16MHz
75
76
77
77.5
Figure 40. fS = 8 kHz, fIN = 1 kHz, SCLK = 16 MHz
REFOUT VOLTAGE – V
1.17
1.19
1.21
1.23
1.25
1.18
1.2
1.22
1.24
1.16
Figure 41. Typical REFOUT Voltage (V)


Similar Part No. - AD73360L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360L AD-AD73360L Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
More results

Similar Description - AD73360L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com