Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14950 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14950
Description  Quad PCI Express Equalizer/Redriver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14950 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14950 Datasheet HTML 1Page - Maxim Integrated Products MAX14950 Datasheet HTML 2Page - Maxim Integrated Products MAX14950 Datasheet HTML 3Page - Maxim Integrated Products MAX14950 Datasheet HTML 4Page - Maxim Integrated Products MAX14950 Datasheet HTML 5Page - Maxim Integrated Products MAX14950 Datasheet HTML 6Page - Maxim Integrated Products MAX14950 Datasheet HTML 7Page - Maxim Integrated Products MAX14950 Datasheet HTML 8Page - Maxim Integrated Products MAX14950 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Maxim Integrated
Quad PCI Express Equalizer/Redriver
MAX14950
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, CCL = 200nF coupling capacitor on each output, RL = 50I on each output, TA = 0NC to +70NC, unless oth-
erwise noted. Typical values are at VCC = +3.3V and TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Current
ISTBY
EN = GND
OEQ2 = GND, OEQ1 = GND,
OEQ0 = GND
113
150
mA
OEQ2 = GND, OEQ1 = GND,
OEQ0 = VCC
122
150
OEQ2 = GND, OEQ1 = VCC,
OEQ0 = GND
125
155
OEQ2 = GND, OEQ1 = VCC,
OEQ0 = VCC
150
185
OEQ2 = VCC, OEQ1 = GND,
OEQ0 = GND
122
150
OEQ2 = VCC, OEQ1 = GND,
OEQ0 = VCC
172
210
OEQ2 = VCC, OEQ1 = VCC,
OEQ0 = GND
184
225
OEQ2 = VCC, OEQ1 = VCC,
OEQ0 = VCC
237
290
Differential Input Impedance
ZRX-DIFF-
DC
DC
80
100
120
I
Differential Output Impedance
ZTX-DIFF-
DC
DC
80
100
120
I
Common-Mode Resistance to
GND When Input Terminations
Are Not Powered
ZRX-HIGH-
IMP-DC
-150mV < VIN_CM < 200mV
50
kI
Common-Mode Resistance to
GND When Input Terminations
Are Powered
ZRX-DC
DC
20
25
30
I
Output Short-Circuit Current
(Note 4)
ITX-SHORT Single-ended
90
mA
Common-Mode Delta Between
Active and Idle States
VTX-CM-
DC-ACTIVE-
IDLE-DELTA
8
mV
DC Output Offset During Active
State
VTX-
ACTIVE-
DIFF-DC
|(VOUT_P - VOUT_N)|
75
mV
DC Output Offset During
Electrical Idle
VTX-IDLE-
DIFF-DC
|(VOUT_P - VOUT_N)|
75
mV


Similar Part No. - MAX14950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
   Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
More results

Similar Description - MAX14950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
logo
Texas Instruments
SN65LVPE504 TI-SN65LVPE504 Datasheet
2Mb / 16P
[Old version datasheet]   Quad Channel (Half x4 Lane) PCI Express Gen II Redriver/Equalizer
SN75LVPE4410 TI1-SN75LVPE4410 Datasheet
1Mb / 29P
[Old version datasheet]   SN75LVPE4410 Quad-Channel PCI Express 4.0 Linear Redriver
SN75LVPE3410 TI1-SN75LVPE3410 Datasheet
1Mb / 29P
[Old version datasheet]   SN75LVPE3410 Quad-Channel PCI-Express 3.0 Linear Redriver
JUNE 2023
DS160PR410 TI1-DS160PR410_V01 Datasheet
828Kb / 30P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com