Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK16D300-QFN5X5 Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK16D300-QFN5X5
Description  Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK16D300-QFN5X5 Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK16D300-QFN5X5 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AK16D300-QFN5X5 Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Description
This new family of Accutek DIP Adapter Modules converts surface
mount IC’s to pin compatible DIP packages for creating drop-in re-
placements for end-of-life DIP IC’s. Package types supported are:
LLP (Leadless Leadframe Package), DFN, QFN, MLP and CLCC.
These DIP Adapters were developed for users with motherboard
designs that require DIP’s, now obsoleted by manufacturers. These
adapter modules save costly motherboard redesigns.
Available with machined or flat contact pins. Accutek DIP Adapter
Modules feature 8 to 72 pins, are fully assembled and tested and
may include a decoupling capacitor. These DIP Adapters can be
manufactured turnkey or from customer supplied surface mount
chips. Modules range in length from 0.400” to 3.600” depending on
number of pins and incorporate 0.300”, 0.400”, 0.600”, and 0.900",
row-to-row spacing with 0.100” lead spacing.
Custom configurations up to 200 pins, multi-chip and double sided
modules are also available for special functions. A variety of pin
lengths with varying diameters as well as custom sizes and spacing
can be specified with different materials and finishes. All modules
are designed in-house using PCB CAD workstations. Automated
assembly and 100% testing are also performed in-house.
FEATURES
· Saves costly redesign of current motherboards
· Fully tested with lifetime limited warranty
· May include an on board decoupling capacitor
· IC assembly and testing available
· EPROM and Flash programming available
· Custom lead lengths available
· Custom multi-chip and double-sided modules available
ORDERING OPTIONS
· Adapter only
· Customer supplies chips - Accutek assembles on Accutek
adapters, tests and delivers finished product in antistatic tubes.
· Complete turnkey - Accutek purchases IC’s and passives. Then
assembles, tests and delivers finished product in antistatic tubes.
Chip Scale Packages
LLP, DFN, QFN MLP, CLCC
DIP Adapters
ACCUTEK
MICROCIRCUIT CORPORATION
DIP ADAPTER
MODULES
ELIMINATE THE
NEED TO
REDESIGN
MOTHERBOARDS
OR MAY BE USED
FOR
BREADBOARD
PROTOTYPING
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com


Similar Part No. - AK16D300-QFN5X5

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300-QFN5X5 ACCUTEK-AK16D300-QFN5X5 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
AK16D300-QFN5X5 ACCUTEK-AK16D300-QFN5X5 Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
More results

Similar Description - AK16D300-QFN5X5

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-LLP3X3 ACCUTEK-AK08D300-LLP3X3_12 Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
logo
Analog Devices
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
Lumileds Lighting Compa...
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
   Chip-scale packages for maximum design flexibility
DS117 LUMILEDS-DS117 Datasheet
2Mb / 21P
   Chip-scale packages for maximum design flexibility
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
AK48D600-TSSOP ACCUTEK-AK48D600-TSSOP_13 Datasheet
550Kb / 4P
   48 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com