Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7314 Datasheet(PDF) 4 Page - Analog Devices

Part # 7314
Description  Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7314 Datasheet(HTML) 4 Page - Analog Devices

  7314 Datasheet HTML 1Page - Analog Devices 7314 Datasheet HTML 2Page - Analog Devices 7314 Datasheet HTML 3Page - Analog Devices 7314 Datasheet HTML 4Page - Analog Devices 7314 Datasheet HTML 5Page - Analog Devices 7314 Datasheet HTML 6Page - Analog Devices 7314 Datasheet HTML 7Page - Analog Devices 7314 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
AD7314
–4–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
NC
No Connect.
2
CE
Chip Enable Input. The device is selected when this input is high. The SCLK input is disabled
when this pin is low.
3
SCLK
Serial Clock Input. This is the clock input for the serial port. The serial clock is used to clock
data out of the temperature value register of the AD7314 and also to clock data into the control
register on the part.
4
GND
Analog and Digital Ground.
5
SDO
Serial Data Output. Logic output. Data is clocked out of the temperature value register at this pin.
6
SDI
Serial Data Input. Serial data to be loaded to the parts’s control register is provided on this input.
7
ID
Identification. This pin can be used by a master device to identify the AD7314 in an SPI Bus
system. This pin has an internal pull-down resistor of 1 k
Ω.
8VDD
Positive Supply Voltage, 2.65 V to 2.9 V.
PIN CONFIGURATION
SOIC
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
NC
SDO
CE
SCLK
GND
SDI
VDD
AD7314
ID


Similar Part No. - 7314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7314 STMICROELECTRONICS-7314 Datasheet
111Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
logo
LSI Computer Systems
7314 LSI-7314 Datasheet
46Kb / 4P
   AC POWER CONTROLLERS
logo
NIHON DEMPA KOGYO
7314A NDK-7314A Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7314A-ASV71-A NDK-7314A-ASV71-A Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7314A-ASV71-E NDK-7314A-ASV71-E Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
More results

Similar Description - 7314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7314 AD-AD7314_03 Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7314 AD-AD7314_15 Datasheet
176Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com