Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7304BR Datasheet(PDF) 8 Page - Analog Devices

Part # AD7304BR
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304BR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7304BR Datasheet HTML 4Page - Analog Devices AD7304BR Datasheet HTML 5Page - Analog Devices AD7304BR Datasheet HTML 6Page - Analog Devices AD7304BR Datasheet HTML 7Page - Analog Devices AD7304BR Datasheet HTML 8Page - Analog Devices AD7304BR Datasheet HTML 9Page - Analog Devices AD7304BR Datasheet HTML 10Page - Analog Devices AD7304BR Datasheet HTML 11Page - Analog Devices AD7304BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AD7304/AD7305
–8–
REV. A
VOUT
CS
5V
0V
0V
VDD = +5V
VREF = +4V
DATA = 00H
FFH
2 s/DIV
Figure 12. Large-Signal Settling Time
VOUTA
–5V
0V
5V
–5V
0V
5V
VREFIN
( 5V @
50kHz)
DATA = FFH
2 s/DIV
Figure 13. Multiplying Mode Step Response and Output
Slew Rate
FREQUENCY – Hz
6
–8
10k
10M
4
1M
100k
0
–4
–6
VDD = +5V
VSS = –5V
DATA = FFH
VREF = 100mV rms
f–3dB = 2.6MHz
Figure 14. Multiplying Mode Gain vs. Frequency
VOUT
CS
RL = 10k
RL = 70k
NO LOAD
VDD = +5V
CL = 150pF
5 s/DIV
Figure 15. Time to Shutdown
VOUT
CS
IDD
1mA/V
VDD = +5V
Figure 16. Shutdown Recovery Time (Wakeup)
VREF AMPLITUDE – V p-p
10
1
0.001
10m
10
1
2345
6
789
0.1
0.010
VDD = +5V
VSS = –5V
A
Figure 17. THD vs. Reference Input Amplitude


Similar Part No. - AD7304BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR AD-AD7304BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BR-REEL AD-AD7304BR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7304BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com