Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7249BR Datasheet(PDF) 2 Page - Analog Devices

Part # AD7249BR
Description  LC2MOS Dual 12-Bit Serial DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7249BR Datasheet(HTML) 2 Page - Analog Devices

  AD7249BR Datasheet HTML 1Page - Analog Devices AD7249BR Datasheet HTML 2Page - Analog Devices AD7249BR Datasheet HTML 3Page - Analog Devices AD7249BR Datasheet HTML 4Page - Analog Devices AD7249BR Datasheet HTML 5Page - Analog Devices AD7249BR Datasheet HTML 6Page - Analog Devices AD7249BR Datasheet HTML 7Page - Analog Devices AD7249BR Datasheet HTML 8Page - Analog Devices AD7249BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
AD7249–SPECIFICATIONS (V
DD = +12 V to +15 V,
1 V
SS = O V or –12 V to –15 V,
1 AGND = DGND = O V, REFIN =
+5 V, RL = 2 k , CL = 100 pF to AGND. All specifications TMIN to TMAX unless otherwise noted.)
Parameter
A Version
2
B Version
2
S Version
2
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
12
12
12
Bits
Relative Accuracy
3
±1
±1/2
±1
LSB max
Differential Nonlinearity
3
±0.9
±0.9
±0.9
LSB max
Guaranteed Monotonic
Unipolar Offset Error
3
±5
±5
±6
LSB max
VSS = 0 V or –12 V to –15 V
1; DAC
Latch Contents All 0s
Bipolar Zero Error
3
±6
±5
±7
LSB max
VSS = –12 V to –15 V
1
DAC Latch Contents All 0s
Full-Scale Error
3, 4
±6
±6
±7
LSB max
Full-Scale Temperature Coefficient
±5
±5
±5
ppm of FSR/
°C typ
REFERENCE OUTPUT
REFOUT
4.95/5.05
4.95/5.05
4.95/5.05
V min/V max
Reference Temperature Coefficient
±25
±25
±30
ppm/
°C typ
Reference Load Change
(
∆V
REFOUT vs. IL )
–1
–1
–1
mV max
Reference Load Current (IL)
Change (0
µA–100 µA)
REFERENCE INPUT
Reference Input Range, REFIN
4.95/5.05
4.95/5.05
4.95/5.05
V min/V max
5 V
± 1%
Input Current
5
5
5
µA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
V max
Input Current
IIN
±1
±1
±1
µA max
VIN = 0 V to VDD
Input Capacitance
5
8
8
8
pF max
ANALOG OUTPUTS
Output Range Resistor,
ROFSA & ROFSB
15/30
15/30
15/30
k
Ω min/ max
Output Voltage Ranges
6
+5, +10
+5, +10
+5, +10
V
Single Supply; VSS = 0 V
Output Voltage Ranges
6
+5, +10,
±5
+5, +10,
±5
+5, +10,
±5
V
Dual Supply; VSS = –12 V or –15 V
DC Output Impedance
0.5
0.5
0.5
Ω typ
AC CHARACTERISTICS
5
Voltage Output Settling-Time
Settling Time to Within
±1/2 LSB of Final Value
Positive Full-Scale Change
10
10
10
µs max
Typically 3
µs
Negative Full-Scale Change
10
10
10
µs max
Typically 5
µs
Digital-to-Analog Glitch Impulse
3
30
30
30
nV secs typ
1 LSB Change Around
Major Carry
Digital Feedthrough
3
10
10
10
nV secs typ
Digital Crosstalk
3
10
10
10
nV secs typ
POWER REQUIREMENTS
VDD Range
+10.8/+16.5
+11.4/+15.75
+11.4/+15.75
V min/V max
For Specified Performance Unless
Otherwise Stated
VSS Range (Dual Supplies)
–10.8/–16.5
–11.4/–15.75
–11.4/–15.75
V min/V max
For Specified Performance Unless
Otherwise Stated
IDD
15
15
15
mA max
Output Unloaded; Typically 11 mA
ISS (Dual Supplies)
5
5
5
mA max
Output Unloaded; Typically 3 mA
NOTES
1Power supply tolerance, A Version:
± 10%; B, S Versions: ± 5%.
2Temperature ranges are as follows: A, B Versions: –40
°C to +85°C; S Version: –55°C to +125°C.
3See Terminology.
4Measured with respect to REFIN and includes unipolar/bipolar offset error.
5Guaranteed by design not production tested.
60 V to 10 V output range available only with V
DD
≥ 14.25 V.
Specifications subject to change without notice.


Similar Part No. - AD7249BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7249BR AD-AD7249BR Datasheet
319Kb / 14P
   LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249BR-REEL AD-AD7249BR-REEL Datasheet
319Kb / 14P
   LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249BRZ AD-AD7249BRZ Datasheet
319Kb / 14P
   LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
AD7249BRZ-REEL AD-AD7249BRZ-REEL Datasheet
319Kb / 14P
   LC2MOS Dual 12-Bit Serial DACPORT짰
REV. D
More results

Similar Description - AD7249BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7237 AD-AD7237 Datasheet
1Mb / 7P
   LC2MOS DUAL 12-BIT DACPORT
REV. A
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com