Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD712TQ Datasheet(PDF) 10 Page - Analog Devices

Part # AD712TQ
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712TQ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD712TQ Datasheet HTML 6Page - Analog Devices AD712TQ Datasheet HTML 7Page - Analog Devices AD712TQ Datasheet HTML 8Page - Analog Devices AD712TQ Datasheet HTML 9Page - Analog Devices AD712TQ Datasheet HTML 10Page - Analog Devices AD712TQ Datasheet HTML 11Page - Analog Devices AD712TQ Datasheet HTML 12Page - Analog Devices AD712TQ Datasheet HTML 13Page - Analog Devices AD712TQ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AD712
REV. B
–10–
D/A CONVERTER APPLICATIONS
The AD712 is an excellent output amplifier for CMOS DACs.
It can be used to perform both 2 quadrant and 4 quadrant op-
eration. The output impedance of a DAC using an inverted
R-2R ladder approaches R for codes containing many 1s, 3R for
codes containing a single 1, and for codes containing all zero,
the output impedance is infinite.
For example, the output resistance of the AD7545 will modu-
late between 11 k
Ω and 33 kΩ. Therefore, with the DAC’s
internal feedback resistance of 11 k
Ω, the noise gain will vary
from 2 to 4/3. This changing noise gain modulates the effect of
the input offset voltage of the amplifier, resulting in nonlinear
DAC amplifier performance.
The AD712K with guaranteed 700
µV offset voltage minimizes
this effect to achieve 12-bit performance.
Figures 31 and 32 show the AD712 and AD7545 (12-bit
CMOS DAC) configured for unipolar binary (2-quadrant multi-
plication) or bipolar (4-quadrant multiplication) operation.
Capacitor C1 provides phase compensation to reduce overshoot
and ringing.
+15V
1/2
AD712
GAIN
ADJUST
VIN
VREF
VDD
RFB
OUT1
AGND
AD7545
DGND
R2*
*FOR VALUES OF
R1 AND R2 SEE TABLE I
DATA INPUT
ANALOG
COMMON
C1
33pF
0.1 F
VDD
R1*
1/2
AD712
VOUT
0.1 F
–15V
R3
10k
1%
R5
20k
1%
R4
20k
1%
12
DB11–DB0
Figure 32. Bipolar Operation
+15V
1/2
AD712
GAIN
ADJUST
VIN
VREF
VDD
RFB
OUT1
AGND
AD7545
DGND
VOUTA
R2A*
*REFER TO
TABLE I
DB11–DB0
ANALOG
COMMON
C1A
33pF
0.1 F
VDD
R1A*
1/2
AD712
GAIN
ADJUST
VIN
VREF
VDD
RFB
OUT1
AGND
AD7545
DGND
VOUTB
R2B*
*REFER TO
TABLE I
DB11–DB0
ANALOG
COMMON
C1B
33pF
0.1 F
–15V
R1B*
VDD
Figure 31. Unipolar Binary Operation
R1 and R2 calibrate the zero offset and gain error of the DAC.
Specific values for these resistors depend upon the grade of
AD7545 and are shown below.
Table I. Recommended Trim Resistor Values vs. Grades
of the AD7545 for VDD = +5 V
Trim
Resistor
JN/AQ/SD
KN/BQ/TD
LN/UD
GLN/GUD
R1
500
200
100
20
R2
150
68
33
6.8


Similar Part No. - AD712TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712 AD-AD712 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4BCPZ AD-AD7124-4BCPZ Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4BCPZ-RL AD-AD7124-4BCPZ-RL Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results

Similar Description - AD712TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com