Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD712KR-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD712KR-REEL
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712KR-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD712KR-REEL Datasheet HTML 2Page - Analog Devices AD712KR-REEL Datasheet HTML 3Page - Analog Devices AD712KR-REEL Datasheet HTML 4Page - Analog Devices AD712KR-REEL Datasheet HTML 5Page - Analog Devices AD712KR-REEL Datasheet HTML 6Page - Analog Devices AD712KR-REEL Datasheet HTML 7Page - Analog Devices AD712KR-REEL Datasheet HTML 8Page - Analog Devices AD712KR-REEL Datasheet HTML 9Page - Analog Devices AD712KR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD712
REV. B
–6–
TEMPERATURE – C
–60
–40
–20
0
20
40
60
80
100
120
140
25
15
20
Figure 19. Slew Rate vs. Temperature
+VS
OUTPUT
–VS
100pF
2k
0.1 F
INPUT
0.1 F
1/2
AD712
Figure 20. T.H.D. Test Circuit
1/2
AD712
CROSSTALK = 20 LOG
1/2
AD712
VOUT
VOUT
10VIN
20k
2.2k
+VS
20V p-p
5k
5k
VIN
–VS
1
2
3
4
5
6
7
8
Figure 21. Crosstalk Test Circuit
100
90
10
0%
1 s
5V
Figure 22b. Unity Gain Follower
Pulse Response (Large Signal)
100
90
10
0%
1 s
5V
Figure 23b. Unity Gain Inverter Pulse
Response (Large Signal)
100
10
0%
100ns
90
50mV
Figure 22c. Unity Gain Follower
Pulse Response (Small Signal)
100
10
0%
200ns
90
50mV
Figure 23c. Unity Gain Inverter
Pulse Response (Small Signal)
+VS
–VS
RL
2k
0.1 F
0.1 F
1/2
AD712
CL
100pF
VIN
VOUT
SQUARE
WAVE
INPUT
Figure 22a. Unity Gain Follower
+VS
–VS
RL
2k
0.1 F
0.1 F
1/2
AD712
CL
100pF
VIN
VOUT
SQUARE
WAVE
INPUT
5k
5k
Figure 23a. Unity Gain Inverter


Similar Part No. - AD712KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712KR-REEL AD-AD712KR-REEL Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KR-REEL7 AD-AD712KR-REEL7 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
More results

Similar Description - AD712KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com