Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD712KR Datasheet(PDF) 4 Page - Analog Devices

Part # AD712KR
Description  Dual Precision, Low Cost, High Speed, BiFET Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712KR Datasheet(HTML) 4 Page - Analog Devices

  AD712KR Datasheet HTML 1Page - Analog Devices AD712KR Datasheet HTML 2Page - Analog Devices AD712KR Datasheet HTML 3Page - Analog Devices AD712KR Datasheet HTML 4Page - Analog Devices AD712KR Datasheet HTML 5Page - Analog Devices AD712KR Datasheet HTML 6Page - Analog Devices AD712KR Datasheet HTML 7Page - Analog Devices AD712KR Datasheet HTML 8Page - Analog Devices AD712KR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD712
REV. B
–4–
SUPPLY VOLTAGE
Volts
20
15
0
0
520
10
15
10
5
RL = 2k
25 C
Figure 1. Input Voltage Swing vs.
Supply Voltage
SUPPLY VOLTAGE
Volts
6
5
2
0
520
10
15
4
3
Figure 4. Quiescent Current vs.
Supply Voltage
COMMON MODE VOLTAGE – Volts
100
75
0
–5
10
05
50
25
VS = +15V
25 C
–10
MAX J GRADE LIMIT
Figure 7. Input Bias Current vs.
Common Mode Voltage
–Typical Performance Characteristics
SUPPLY VOLTAGE
Volts
20
15
0
0
520
10
15
10
5
RL = 2k
25 C
+VOUT
–VOUT
Figure 2. Output Voltage Swing vs.
Supply Voltage
TEMPERATURE – C
10
12
–60
0
140
–40 –40
20
120
40
60
80 100
10
11
10
10
10
9
10
8
10
7
10
6
Figure 5. Input Bias Current vs.
Temperature
AMBIENT TEMPERATURE – C
10
–60
+ OUTPUT CURRENT
– OUTPUT CURRENT
–40 –20
0
20
40
60
80 100 120 140
12
14
16
18
20
22
24
26
Figure 8. Short Circuit Current
Limit vs. Temperature
LOAD RESISTANCE –
30
25
0
10
100
10k
1k
15
10
5
20
15V SUPPLIES
Figure 3. Output Voltage Swing
vs. Load Resistance
FREQUENCY – Hz
0.01
1k
1.0
0.1
10
100
10k
100k
1M
10M
Figure 6. Output Impedance vs.
Frequency
TEMPERATURE – C
3.0
–60 –40 –20
0
20
40
60
80 100 120 140
3.5
4.0
4.5
5.0
Figure 9. Unity Gain Bandwidth vs.
Temperature


Similar Part No. - AD712KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712KR AD-AD712KR Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KR-REEL AD-AD712KR-REEL Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KR-REEL7 AD-AD712KR-REEL7 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KRZ AD-AD712KRZ Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712KRZ-REEL AD-AD712KRZ-REEL Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
More results

Similar Description - AD712KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com