Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK12D400-VCO Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK12D400-VCO
Description  Crystal Oscillators in Surface Mount Packages
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK12D400-VCO Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK12D400-VCO Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK12D400-VCO Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK12D400-VCO Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
This new family of Accutek DIP Adapter Modules convert surface
mount Crystal Oscillators to pin compatible DIP packages for creat-
ing drop-in replacements for end-of-life DIP Crystal Oscillators.
Crystal Oscillator Adapters were developed for users with mother-
board designs that require DIP’s, now obsoleted by manufacturers.
These adapter modules save costly motherboard redesigns.
Available with machined or flat contact pins.
Accutek Crystal
Oscillator Adapter Modules feature 4 to 14 pins and are fully as-
sembled and tested. These Crystal Oscillator Adapters can be
manufactured turnkey or from customer supplied surface mount
chips. Some of the designs include a site for a bypass capacitor.
Custom configurations up to 200 pins, multi-chip and double sided
modules are also available for special functions. A variety of pin
lengths with varying diameters as well as custom sizes and spacing
can be specified with different materials and finishes. All modules
are designed in-house using PCB CAD workstations. Assembly
and 100% testing are also performed in-house.
FEATURES
Saves costly redesign of current motherboards
Fully tested with life time limited warranty
IC assembly and testing available
Custom lead lengths available
Custom multi-chip and double-sided modules available
ORDERING OPTIONS
Adapter only
Customer supplies chips - Accutek assembles on Accutek
adapters, tests and delivers finished product in antistatic tubes.
Complete turnkey - Accutek purchases IC’s. Then assembles,
tests and delivers finished product in antistatic tubes.
Crystal Oscillators
in Surface Mount Packages
Converted to DIP Adapters
ACCUTEK
MICROCIRCUIT CORPORATION
CRYSTAL OSCILLATOR
ADAPTER MODULES
ELIMINATE THE
NEED TO
REDESIGN
MOTHERBOARDS
OR MAY BE USED
FOR
BREADBOARD
PROTOTYPING
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com


Similar Part No. - AK12D400-VCO

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK12D400-VCO ACCUTEK-AK12D400-VCO Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
AK12D400-VCO ACCUTEK-AK12D400-VCO Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
More results

Similar Description - AK12D400-VCO

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
Raltron Electronics Cor...
CO66 RALTRON-CO66 Datasheet
65Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATORS
COM23025-44.000-WLAN RALTRON-COM23025-44.000-WLAN Datasheet
23Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Vectron International, ...
CO-760PS VECTRON-CO-760PS Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Oscilent Corporation
CO-430 OSCILENT-CO-430 Datasheet
151Kb / 3P
   430 Series Surface Mount Crystal Oscillators
logo
Kyocera Kinseki Corpota...
K50H-3C KSS-K50H-3C Datasheet
246Kb / 7P
   Clock Crystal Oscillators Surface Mount Type
logo
Oscilent Corporation
CO-493 OSCILENT-CO-493 Datasheet
142Kb / 2P
   493 Series Surface Mount Crystal Oscillators
CO-433 OSCILENT-CO-433 Datasheet
134Kb / 2P
   433 Series Surface Mount Crystal Oscillators
CO-492 OSCILENT-CO-492 Datasheet
142Kb / 2P
   492 Series Surface Mount Crystal Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com