Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7225KR Datasheet(PDF) 8 Page - Analog Devices

Part # AD7225KR
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225KR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7225KR Datasheet HTML 4Page - Analog Devices AD7225KR Datasheet HTML 5Page - Analog Devices AD7225KR Datasheet HTML 6Page - Analog Devices AD7225KR Datasheet HTML 7Page - Analog Devices AD7225KR Datasheet HTML 8Page - Analog Devices AD7225KR Datasheet HTML 9Page - Analog Devices AD7225KR Datasheet HTML 10Page - Analog Devices AD7225KR Datasheet HTML 11Page - Analog Devices AD7225KR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7225
REV. B
–8–
SPECIFICATION RANGES
For the AD7225 to operate to rated specifications, its input ref-
erence voltage must be at least 4 V below the VDD power supply
voltage. This voltage differential is the overhead voltage re-
quired by the output amplifiers.
The AD7225 is specified to operate over a VDD range from
+12 V
± 5% to +15 V ±10% (i.e., from +11.4 V to +16.5 V)
with a VSS of –5 V ± 10%. Operation is also specified for a single
+15 V
± 5% V
DD supply. Applying a VSS of –5 V results in im-
proved zero code error, improved output sink capability with
outputs near AGND and improved negative going settling time.
Performance is specified over a wide range of reference voltages
from 2 V to (VDD – 4 V) with dual supplies. This allows a range
of standard reference generators to be used such as the AD580,
a +2.5 V bandgap reference and the AD584, a precision +10 V
reference. Note that an output voltage range of 0 V to +10 V re-
quires a nominal +15 V
± 5% power supply voltage.
UNIPOLAR OUTPUT OPERATION
This is the basic mode of operation for each channel of the
AD7225, with the output voltage having the same positive
polarity as VREF. The AD7225 can be operated single supply
(VSS = AGND) or with positive/negative supplies (see op-amp
section which outlines the advantages of having negative VSS).
Connections for the unipolar output operation are shown in Fig-
ure 13. The voltage at any of the reference inputs must never be
negative with respect to DGND. Failure to observe this precau-
tion may cause parasitic transistor action and possible device de-
struction. The code table for unipolar output operation is shown
in Table III.
Figure 13. Unipolar Output Circuit
Table III. Unipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output
1 1 1 1
1 1 1 1
+V
REF
255
256


1 0 0 0
0 0 0 1
+V
REF
129
256


1 0 0 0
0 0 0 0
+V
REF
128
256


=+
V REF
2
0 1 1 1
1 1 1 1
+V
REF
127
256


0 0 0 0
0 0 0 1
+V
REF
1
256


0 0 0 0
0 0 0 0
0 V
Note: 1 LSB
= V
REF
() 2−8
()=V
REF
1
256


BIPOLAR OUTPUT OPERATION
Each of the DACs of the AD7225 can be individually config-
ured to provide bipolar output operation. This is possible using
one external amplifier and two resistors per channel. Figure 14
shows a circuit used to implement offset binary coding (bipolar
operation) with DAC A of the AD7225. In this case
V
OUT =
1
+ R2
R1


⋅ D
AV REF
() – R2
R1


⋅ V
REF
()
With R1 = R2
VOUT = (2 DA – 1) • VREF
where DA is a fractional representation of the digital word in
latch A. (0
≤ D
A ≤ 255/256)
Mismatch between R1 and R2 causes gain and offset errors and,
therefore, these resistors must match and track over tempera-
ture. Once again the AD7225 can be operated in single supply
or from positive/negative supplies. Table IV shows the digital
code versus output voltage relationship for the circuit of Figure
14 with R1 = R2.


Similar Part No. - AD7225KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225KR AD-AD7225KR Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KR-REEL AD-AD7225KR-REEL Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KRZ AD-AD7225KRZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225KRZ-REEL AD-AD7225KRZ-REEL Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
More results

Similar Description - AD7225KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com