Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4617CSE+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4617CSE+T
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617CSE+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4617CSE+T Datasheet HTML 1Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 2Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 3Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4617CSE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MAX4617/MAX4618/MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(VCC = +4.5V to +5.5V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
VCC, A, B, C, or Enable...........................................-0.3V to +6V
Voltage into Any Analog Terminal
(Note 1) .........................................................-0.3V to (VCC + 0.3V)
Continuous Current into Any Terminal..............................±75mA
Peak Current, X_, Y_, Z_
(pulsed at 1ms, 10% duty cycle) .................................±200mA
Continuous Power Dissipation (TA = +70°C)
TSSOP (derate 9.4mW/°C above +70°C) ......................755mW
Narrow SO (derate 8.70mW/°C above +70°C)..............696mW
Plastic DIP (derate 10.53mW/°C above +70°C) ..............842mW
Operating Temperature Ranges
MAX461_C_ _ ......................................................0°C to +70°C
MAX461_E_ _ ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Soldering Temperature (reflow) .......................................+260°C
Note 1: Voltages exceeding VCC or GND on any analog signal terminal are clamped by internal diodes. Limit forward-diode current
to maximum current rating.
C, E
-10
10
-1
0.002
1
X, Y, Z On-Leakage
Current (Note 5)
IX(ON),
IY(ON),
IZ(ON)
nA
TA = +25°C
C, E
-10
10
-1
0.002
1
X, Y, Z Off-Leakage
Current (Note 5)
IX(OFF),
IY(OFF),
IZ(OFF)
nA
TA = +25°C
C, E
-10
10
-1
0.002
1
X_, Y_, Z_
Off-Leakage Current
(Note 5)
IX_(OFF),
IY_(OFF),
IZ_(OFF)
nA
TA = +25°C
Input Voltage Low
0.8
C, E
VAL, VBL,
VCL,
VENABLEL
V
Input Voltage High
VAH, VBH,
VCH,
VENABLEH
V
2.4
C, E
PARAMETER
SYMBOL
UNITS
MIN
TYP
MAX
CONDITIONS
1
13
0VCC
810
1.2
0.2
1
Switch On-Resistance
Flatness (Note 4)
RFLAT(ON)
Ω
Switch On-Resistance
Match Between
Channels (Note 3)
ΔRON
C, E
Ω
TA = +25°C
Switch On-Resistance
RON
C, E
Ω
Analog-Signal Range
VX, VY, VZ
C, E
V
TA = +25°C
C, E
ANALOG SWITCH
VCC = 5.5V; VX, VY, VZ = 1V, 4.5V;
VX_, VY_, VZ_ = 1V, 4.5V or unconnected
VCC = 5.5V; VEE = -5.5V;
VX_, VY_, VZ_ = 4.5V, 1V;
VX, VY, VZ = 1V, 4.5V
VCC = 5.5V; VX_, VY_, VZ_ = 4.5V, 1V;
VX, VY, VZ = 1V, 4.5V
VCC = 5V; IX, IY, IZ = 10mA;
VX, VY, VZ = 1V, 2V, 3V
VCC = 5V; IX, IY, IZ = 10mA;
VX, VY, VZ = 3V
VCC = 4.5V; IX, IY, IZ = 10mA;
VX, VY, VZ = 3V
DIGITAL I/O


Similar Part No. - MAX4617CSE+T

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX4617CSE+T MAXIM-MAX4617CSE+T Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results

Similar Description - MAX4617CSE+T

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com