Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3283E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3283E
Description  ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3283E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3283E Datasheet HTML 1Page - Maxim Integrated Products MAX3283E Datasheet HTML 2Page - Maxim Integrated Products MAX3283E Datasheet HTML 3Page - Maxim Integrated Products MAX3283E Datasheet HTML 4Page - Maxim Integrated Products MAX3283E Datasheet HTML 5Page - Maxim Integrated Products MAX3283E Datasheet HTML 6Page - Maxim Integrated Products MAX3283E Datasheet HTML 7Page - Maxim Integrated Products MAX3283E Datasheet HTML 8Page - Maxim Integrated Products MAX3283E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
0
50
100
150
200
-50
0
-25
25
50
75
100
125
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3.3V
A = GND, VB = 1V, IOL = 4mA
4
5
7
6
8
9
-50
0
-25
25
50
75
100
125
RECEIVER PROPAGATION DELAY (tPLH)
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3.3V
6
7
8
9
10
-50
0
-25
25
50
75
100
125
RECEIVER PROPAGATION DELAY (tPHL)
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3.3V
5
6
7
8
9
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-50
25
50
-25
0
75
100
125
VCC = 5V
VCC = 3.3V
60
50
40
30
20
1.5
3.5
2.5
4.5
5.5
MAX3284E MAXIMUM DATA RATE
vs. VOLTAGE LOGIC LEVEL
VOLTAGE LOGIC LEVEL (V)
0
2
6
4
8
10
SUPPLY CURRENT vs. DATA RATE
DATA RATE (kbps)
10
1000
100
10,000
100,000
ICC, VCC = VL = 5V
ICC, VCC = VL = 3.3V
IL, VCC = VL = 5V
IL, VCC = VL = 3.3V
0.001
0.01
0.1
1
10
VL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
25
50
-25
0
75
100
125
VCC = VL = 5V
DATA RATE = 52Mbps VCC = VL = 3.3V
DATA RATE = 52Mbps
VCC = VL = 5V
DATA RATE = 100kbps
VCC = VL = 3.3V
DATA RATE = 100kbps
4
Maxim Integrated
MAX3280E/MAX3281E/
MAX3283E/MAX3284E
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3283E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3283E MAXIM-MAX3283E Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3283E MAXIM-MAX3283E Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3283E MAXIM-MAX3283E Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
logo
List of Unclassifed Man...
MAX3283EAUT ETC-MAX3283EAUT Datasheet
45Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3283EAUT MAXIM-MAX3283EAUT Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
More results

Similar Description - MAX3283E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com