Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2465 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2465
Description  DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2465 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2465_13 Datasheet HTML 1Page - Maxim Integrated Products DS2465_13 Datasheet HTML 2Page - Maxim Integrated Products DS2465_13 Datasheet HTML 3Page - Maxim Integrated Products DS2465_13 Datasheet HTML 4Page - Maxim Integrated Products DS2465_13 Datasheet HTML 5Page - Maxim Integrated Products DS2465_13 Datasheet HTML 6Page - Maxim Integrated Products DS2465_13 Datasheet HTML 7Page - Maxim Integrated Products DS2465_13 Datasheet HTML 8Page - Maxim Integrated Products DS2465_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
Maxim Integrated
DS2465
DeepCover Secure Authenticator with
SHA-256 Coprocessor and 1-Wire Master Function
ABRIDGED DATA SHEET
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40NC to +85NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Read Sample Time
tMSR
Standard
11.4
12
13.1
F
s
Overdrive
1.4
1.5
1.64
Write-0 Low Time
tW0L
Standard
-5%
See
Table 6
+9%
F
s
Overdrive
Write-0 Recovery Time
tREC0
Standard and overdrive
-5%
See
Table 6
+9%
F
s
1-Wire Time Slot
tslot
Standard and overdrive
Equal to tW0L + tREC0
F
s
SHA-256 ENGINE
Computation Current
ICSHA
Refer to the full data sheet.
mA
Computation Time
tCSHA
ms
EEPROM
Programming Current
IPROG
(Notes 3, 7)
2
mA
Programming Time for a 32-Bit
Segment
tPROG
10
ms
Write/Erase Cycling Endurance
NCY
TA = +85NC (Notes 8, 9)
100k
Data Retention
tDR
TA = +85NC (Notes 10, 11)
10
Years
SLPZ PIN
Low Level Input Voltage
VIL
-0.5
0.3 O VCC
V
High Level Input Voltage
VIH
0.7 O
VCC
VCC +
0.5V
V
Input Leakage Current
II
Pin at 3.63V (Note 3)
0.1
F
A
Wake-Up Time from Sleep Mode
tSWUP
(Note 12)
200
F
s
I2C SCL AND SDA PINS (Note 13)
Low Level Input Voltage
VIL
-0.5
0.3 O VCC
V
High Level Input Voltage
VIH
0.7 O
VCC
VCC(MAX)
+ 0.5V
V
Hysteresis of Schmitt Trigger
Inputs
VHYS
(Note 3)
0.05 O
VCC
V
Low Level Output Voltage at 3mA
Sink Current
VOL
0.4
V
Output Fall Time from VIH(MIN) to
VIL(MAX) with a Bus Capacitance
from 10pF to 400pF
tOF
(Note 3)
60
250
ns
Pulse Width of Spikes That Are
Suppressed by the Input Filter
tSP
(Note 3)
50
ns
Input Current with an Input
Voltage Between 0.1VCC(MAX)
and 0.9VCC(MAX)
II
(Notes 3, 14)
-10
+10
F
A


Similar Part No. - DS2465_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465P++ MAXIM-DS2465P+ Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS2465P+T MAXIM-DS2465P+T Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
More results

Similar Description - DS2465_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS1964S MAXIM-DS1964S Datasheet
599Kb / 13P
   DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
DS28E22 MAXIM-DS28E22_V01 Datasheet
875Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28E15 MAXIM-DS28E15_V01 Datasheet
339Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
219-0018; Rev 3; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com