Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28EL15Q+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS28EL15Q+T
Description  DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28EL15Q+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS28EL15Q+T Datasheet HTML 1Page - Maxim Integrated Products DS28EL15Q+T Datasheet HTML 2Page - Maxim Integrated Products DS28EL15Q+T Datasheet HTML 3Page - Maxim Integrated Products DS28EL15Q+T Datasheet HTML 4Page - Maxim Integrated Products DS28EL15Q+T Datasheet HTML 5Page - Maxim Integrated Products DS28EL15Q+T Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS28EL15
DeepCover Secure Authenticator
with 1-Wire SHA-256 and 512-Bit User EEPROM
2
Maxim Integrated
IO Voltage Range to GND....................................-0.5V to +4.0V
IO Sink Current...................................................................20mA
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(TA = -40NC to +85NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Note 2)
1.71
1.89
V
1-Wire Pullup Resistance
RPUP
VPUP = 1.8V Q5% (Note 3)
300
750
I
Input Capacitance
CIO
(Notes 4, 5)
1500
pF
Input Load Current
IL
IO pin at VPUP
5
19.5
F
A
High-to-Low Switching Threshold
VTL
(Notes 6, 7)
0.65 x
VPUP
V
Input Low Voltage
VIL
(Notes 2, 8)
0.3
V
Low-to-High Switching Threshold
VTH
(Notes 6, 9)
0.75 x
VPUP
V
Switching Hysteresis
VHY
(Notes 6, 10)
0.3
V
Output Low Voltage
VOL
IOL = 4mA (Note 11)
0.4
V
Recovery Time
tREC
RPUP = 750I (Notes 2, 12)
5
F
s
Time Slot Duration
tSLOT
(Notes 2, 13)
13
F
s
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Reset Low Time
tRSTL
(Note 2)
48
80
F
s
Reset High Time
tRSTH
(Note 14)
48
F
s
Presence-Detect Sample Time
tMSP
(Notes 2, 15)
8
10
F
s
IO PIN: 1-Wire WRITE
Write-Zero Low Time
tW0L
(Notes 2, 16)
8
16
F
s
Write-One Low Time
tW1L
(Notes 2, 16)
1
2
F
s
IO PIN: 1-Wire READ
Read Low Time
tRL
(Notes 2, 17)
1
2 -
d
F
s
Read Sample Time
tMSR
(Notes 2, 17)
tRL + d
2
F
s
EEPROM
Programming Current
IPROG
VPUP = 1.89V (Notes 5, 18)
1
mA
Programming Time for a 32-Bit
Segment or Page Protection
tPRD
(Note 19)
10
ms
Programming Time for the Secret
tPRS
Refer to the full data sheet.
ms
ABRIDGED DATA SHEET


Similar Part No. - DS28EL15Q+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28EL15 MAXIM-DS28EL15 Datasheet
102Kb / 2P
   Evaluation Software Available by Request
7/23/2014
DS28EL15EVKIT MAXIM-DS28EL15EVKIT Datasheet
102Kb / 2P
   Evaluation Software Available by Request
7/23/2014
More results

Similar Description - DS28EL15Q+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E15 MAXIM-DS28E15_V01 Datasheet
339Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
219-0018; Rev 3; 3/15
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS28E22 MAXIM-DS28E22_V01 Datasheet
875Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28EL25 MAXIM-DS28EL25_V01 Datasheet
735Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
219-0022; Rev 1; 6/21
MAX66240 MAXIM-MAX66240 Datasheet
896Kb / 23P
   DeepCover Secure Authenticator with ISO 15693, SHA-256, and 4Kb User EEPROM
Rev 5; 4/19
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com