Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7118 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7118
Description  LOGDAC CMOS Logarithmic D/A Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7118 Datasheet(HTML) 3 Page - Analog Devices

  AD7118 Datasheet HTML 1Page - Analog Devices AD7118 Datasheet HTML 2Page - Analog Devices AD7118 Datasheet HTML 3Page - Analog Devices AD7118 Datasheet HTML 4Page - Analog Devices AD7118 Datasheet HTML 5Page - Analog Devices AD7118 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AD7118
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VDD (to DGND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +17 V
VIN (to AGND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±35 V
Digital Input Voltage to DGND . . . . . –0.3 V to VDD + 0.3 V
IOUT to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VDD
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VDD
Power Dissipation (Any Package)
To +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
Derates Above +75
°C by . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature Range
Commercial (K, L Versions) . . . . . . . . . . . . . 0
°C to +70°C
Industrial (B, C Versions) . . . . . . . . . . . . . –25
°C to +85°C
Extended (T, U Versions) . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TERMINOLOGY
RESOLUTION: Nominal change in attenuation when moving
between two adjacent binary codes.
MONOTONICITY: The device is monotonic if the analog out-
put decreases (or remains constant) as the digital code increases.
FEEDTHROUGH ERROR: That portion of the input signal
which reaches the output when all digital inputs are high. See
section on Applications.
OUTPUT LEAKAGE CURRENT: Current which appears on
the IOUT terminal with all digital inputs high.
TOTAL HARMONIC DISTORTION: Is a measure of the
harmonics introduced by the circuit when a pure sinusoid is
applied to the input. It is expressed as the harmonic energy
divided by the fundamental energy at the output.
ACCURACY: Is the difference (measured in dB) between the
ideal transfer function as listed in Table I and the actual transfer
function as measured with the device.
OUTPUT CAPACITANCE: Capacitance from IOUT to
ground.
DIGITAL-TO-ANALOG GLITCH IMPULSE: The amount
of charge injected from the digital inputs to the analog output
when the inputs change state. This is normally specified as the
area of the glitch in either pA-secs or nV-secs depending upon
whether the glitch is measured as a current or voltage signal.
Digital charge injection is measured with VIN = AGND.
PROPAGATION DELAY: This is a measure of the internal
delays of the circuit and is defined as the time from a digital in-
put change to the analog output current reaching 90% of its
final value.
INTERMODULATION DISTORTION: Is a measure of the
interaction which takes place within the circuit between two
sinusoids applied simultaneously to the input.
The reader is referred to Hewlett Packard Application Note 192
for further information.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7118 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Applications Information–


Similar Part No. - AD7118

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
More results

Similar Description - AD7118

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7111ACRZ AD-AD7111ACRZ Datasheet
178Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
   LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD876 AD-AD876_17 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
   CMOS A/D Converter
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
   Dual Logarithmic Converter
ADL5310 AD-ADL5310_15 Datasheet
595Kb / 20P
   Dual Logarithmic Converter
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com