Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2502LBTG Datasheet(PDF) 3 Page - Littelfuse

Part # SP2502LBTG
Description  The SP2502L provides overvoltage protection for applications such as 10/100/1000 Base-T Ethernet and T3/E3 interfaces.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP2502LBTG Datasheet(HTML) 3 Page - Littelfuse

  SP2502LBTG Datasheet HTML 1Page - Littelfuse SP2502LBTG Datasheet HTML 2Page - Littelfuse SP2502LBTG Datasheet HTML 3Page - Littelfuse SP2502LBTG Datasheet HTML 4Page - Littelfuse SP2502LBTG Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
TVS Diode Arrays (SPAFamily of Products)
Revision: August 13, 2012
Lightning Surge Protection - SP2502L Series
SP2502L Series
Clamping Voltage vs. I
PP
Capacitance vs. Reverse Bias at 1MHz
Pulse Waveform
0
5
10
15
20
25
30
010203040506070
Peak Pulse Current-IPP (A)
Line-Line
Line-Gound
0.0
1.0
2.0
3.0
4.0
5.0
Bias Voltage (V)
Line-Line
Line-Gound
0.0
0.5
1.0
1.5
2.0
2.5
3.0
6.0
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Time (s)
Non-Repetitive Peak Pulse Power vs. Pulse Time
Current Derating Curve
0.1
1
10
110100
1000
Peak Pulse Dura on -tP (µs)
Ambient Temperature (ºC)
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
0
20
40
60
80
100
120


Similar Part No. - SP2502LBTG

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP25001 SIPAT-SP25001 Datasheet
160Kb / 4P
   250MHz Low-loss SAW Filter 45MHz Bandwidth
SP25001 SIPAT-SP25001 Datasheet
166Kb / 4P
   250MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Guangdong Kexin Industr...
SP2500SA KEXIN-SP2500SA Datasheet
1Mb / 2P
   Protection Thyristor
SP2500SB KEXIN-SP2500SB Datasheet
1Mb / 2P
   Protection Thyristor
SP2500SC KEXIN-SP2500SC Datasheet
1Mb / 2P
   Protection Thyristor
More results

Similar Description - SP2502LBTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4040 LITTELFUSE-SP4040 Datasheet
1Mb / 5P
   The SP4040 provides overvoltage protection for applications such as 10/100/1000 Base-T Ethernet and T3/E3 interfaces.
logo
Allied Components Inter...
AR11-4299 ALLIED-AR11-4299 Datasheet
2Mb / 2P
   10/100/1000 Base-T for Ethernet Applications
AR11-4047 ALLIED-AR11-4047 Datasheet
2Mb / 2P
   10/100/1000 Base-T for Ethernet Applications
logo
Bothhand USA, LP.
GP5429M-1-LF BOTHHAND-GP5429M-1-LF Datasheet
386Kb / 2P
   Designed for Ethernet 10/100/1000 BASE-T, applications
logo
Allied Components Inter...
AR21-4186 ALLIED-AR21-4186 Datasheet
1Mb / 2P
   10/100/1000 Base-T Gigabit for Ethernet Applications
AR21-4237I ALLIED-AR21-4237I Datasheet
2Mb / 2P
   10/100 Base-T for Ethernet Applications
ARV11-4246 ALLIED-ARV11-4246 Datasheet
737Kb / 2P
   10/100 Base-T for Ethernet Applications
AR11-4008 ALLIED-AR11-4008 Datasheet
570Kb / 2P
   10/100 Base-T for Ethernet Applications
AR12-4245 ALLIED-AR12-4245 Datasheet
760Kb / 2P
   10/100/1000 Base-T Gigabit LAN and other Ethernet Applications
AR11-4172I ALLIED-AR11-4172I Datasheet
1Mb / 2P
   SINGLE PORT RJ45, 10/100/1000 Base-T for Ethernet Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com