Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AHSC-1602BS Datasheet(PDF) 1 Page - Allied Components International

Part No. AHSC-1602BS
Description  10/100 Base T Single Port Low Profile
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLIED [Allied Components International]
Homepage  http://www.alliedcomponents.com
Logo 

AHSC-1602BS Datasheet(HTML) 1 Page - Allied Components International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
11/11/11
SCHEMATICS
ALLIED
DATECODE
AHSC-1602BS
All specifications subject to change without notice.
MECHANICAL
10/100 Base T Single Port Low Profile
AHSC-1602BS
DCR: PIN 1-2, PIN 7-8 1.0
Max, PIN 16-15, PIN 10-9 1.4
Max
Cw/w: 15PF TYP @100KHz, 200mV
LL: 0.3uH Max @100KHz, 200mV
Polarity:1-16, 7-10, In-Phase
Low Profile Pulse Transformer
Operating Temp: 0ºC to +70ºC
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 200mV
Turns Ratio
chip: cable
(±3%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
0.3-30MHz
AHSC-1602BS
350
1CT:1CT
-1.1
-16
60-80MHz
-10
50MHz
-12
Part
Number
AHSC-1602BS
0.64
40MHz
-14
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-30
1500
Common Mode Rejection
(dB Min)
1-100MHz
-35
1-100MHz
Isolation
10.67
1.27
6.86
0.64
8.89
1.27
0.46
7.12
9.60
12.70
2.27max
0.64
8.89
pin 1
pin 16
Dimensions: mm
Unless otherwise specified, all tolerances are±0.25
1CT:1CT
2
1
3
9
10
11
1CT:1CT
6
7
8
14
15
16


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn